Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3437 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3437
Description  High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3437 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3437 Datasheet HTML 9Page - Linear Technology LT3437 Datasheet HTML 10Page - Linear Technology LT3437 Datasheet HTML 11Page - Linear Technology LT3437 Datasheet HTML 12Page - Linear Technology LT3437 Datasheet HTML 13Page - Linear Technology LT3437 Datasheet HTML 14Page - Linear Technology LT3437 Datasheet HTML 15Page - Linear Technology LT3437 Datasheet HTML 16Page - Linear Technology LT3437 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3437
13
3437f
APPLICATIO S I FOR ATIO
more output current because they reduce peak current
seen by the LT3437 switch, which has a 0.5A limit. Higher
values also reduce output ripple voltage and reduce core
loss.
When choosing an inductor you might have to consider
maximum load current, core and copper losses, allow-
able component height, output voltage ripple, EMI, fault
current in the inductor, saturation and of course cost.
The following procedure is suggested as a way of han-
dling these somewhat complicated and conflicting
requirements.
1. Choose a value in microhenries such that the maximum
load current plus half of the inductor ripple current is
less than the minimum peak switch current (IPK).
Choosing a small inductor with lighter loads may result
in discontinuous mode of operation, but the LT3437 is
designed to work well in either mode.
Assume that the average inductor current is equal to
load current and decide whether or not the inductor
must withstand continuous fault conditions. If maxi-
mum load current is 0.25A, for instance, a 0.25A
inductor may not survive a continuous minimum peak
switch current overload condition.
For applications with a duty cycle above 50%, the
inductor value should be chosen to obtain an inductor
ripple current of less than 40% of the peak switch
current.
2. Calculate peak inductor current at full load current to
ensure that the inductor will not saturate. Peak current
can be significantly higher than output current, especially
with smaller inductors and lighter loads, so do not omit
this step. Powdered iron cores are forgiving because they
saturate softly, whereas ferrite cores saturate abruptly.
Other core materials fall somewhere in between. The
following formula assumes continuous mode of opera-
tion, but it errs only slightly on the high side for discon-
tinuous mode, so it can be used for all conditions.
II
VV
V
fL V
PEAK
OUT
OUT
IN
OUT
IN
=+
()
()( )( )
–
2
VIN = maximum input voltage
f = switching frequency, 200kHz
3. Decide if the design can tolerate an “open” core geom-
etry like a rod or barrel, which has high magnetic field
radiation, or whether it needs a closed core like a toroid,
to prevent EMI problems. This is a tough decision
because the rods or barrels are temptingly cheap and
small, and there are no helpful guidelines to calculate
when the magnetic field radiation will be a problem.
4. After making an initial choice, consider the secondary
things like output voltage ripple, second sourcing, etc.
Use the experts in Linear Technology’s applications
department if you feel uncertain about the final choice.
They have experience with a wide range of inductor
types and can tell you about the latest developments in
low profile, surface mounting, etc.
Table 3. Inductor Selection Criteria
VENDOR/
VALUE
IDC(MAX)
DCR
HEIGHT
PART NO.
(
µH)
(mA)
(Ohms)
(mm)
Coiltronics
UP1B-101
100
530
1.11
5.0
UP1B-151
150
460
1.61
5.0
UP2B-221
220
380
1.96
5.0
Coilcraft
D01605T-473MX
47
450
1.1
1.8
D01605T-104MX
100
300
2.3
1.8
D03308P-154
150
600
0.94
3.0
D03308P-224
220
500
1.6
3.0
Sumida
CDRH4D28-470
47
480
0.387
3.0
CDRH4D28-101
100
290
1.02
3.0
CDRH5D28-101
100
420
0.520
3.0
Short-Circuit Considerations
The LT3437 is a current mode controller. It uses the VC
node voltage as an input to a current comparator which
turns off the output switch on a cycle-by-cycle basis as
this peak current is reached. The internal clamp on the VC
node, nominally 1.5V, then acts as an output switch peak
current limit. This action becomes the switch current limit
specification. The maximum available output power is
then determined by the switch current limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com