Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3437 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3437
Description  High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3437 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3437 Datasheet HTML 16Page - Linear Technology LT3437 Datasheet HTML 17Page - Linear Technology LT3437 Datasheet HTML 18Page - Linear Technology LT3437 Datasheet HTML 19Page - Linear Technology LT3437 Datasheet HTML 20Page - Linear Technology LT3437 Datasheet HTML 21Page - Linear Technology LT3437 Datasheet HTML 22Page - Linear Technology LT3437 Datasheet HTML 23Page - Linear Technology LT3437 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3437
21
3437f
APPLICATIO S I FOR ATIO
Figure 10. Model for Loop Response
–
+
CURRENT MODE
POWER STAGE
gm = 1
gm = 650µ
1.25V
VC
LT3437
ERROR
AMP
1.6M
RC
R1
FB
SW
ESR
OUTPUT
R2
COUT
3437 F13
CFB
CF
CC
Figure 11. Overall Loop Response
FREQUENCY (Hz)
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
–40
0
60
40
20
–20
80
100
100
1k
10k
100k
3437 F12
1M
10
VOUT = 3.3V
COUT = 100µF, 0.1Ω
CF = 330pF
RC = 25k
CC = 1500pF
ILOAD = 250mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com