Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2502 Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML2502
Description  128Kbit Analog Cell Storage Flash Memory Revision 8.0 Apr. 01, 1999
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2502 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML2502 Datasheet HTML 9Page - OKI electronic componets ML2502 Datasheet HTML 10Page - OKI electronic componets ML2502 Datasheet HTML 11Page - OKI electronic componets ML2502 Datasheet HTML 12Page - OKI electronic componets ML2502 Datasheet HTML 13Page - OKI electronic componets ML2502 Datasheet HTML 14Page - OKI electronic componets ML2502 Datasheet HTML 15Page - OKI electronic componets ML2502 Datasheet HTML 16Page - OKI electronic componets ML2502 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
OKI
ML2502
ML2502 Data Sheet (Revision 8.0)
13
• AC Characteristics
Note:
*1.
In proportion to sampling frequency.
Parameter
Symbol
Unit
Max.
Typ.
Min.
tPOR
Min. "H" Pulse Width for Record-Start Input
Power-on Reset Time
—
—
—
15.8
10
ms
DVDD=AVDD=2.7V ~ 3.3V,DGND=AGND=0V,Ta= -10 ~ +70°C
tWRECST
256
—
µs
µs
279
17
17
17
17
0
0
—
—
—
—
—
—
—
—
—
—
—
—
ms
ms
ms
ms
ms
ms
ms
ms
Min. "L" Pulse Width for Record-Stop Input
Setup Time for Erase Input - REC1, REC2 Input
Min. Pulse Width for Erase-Start Input to REC1,REC2
Min. Pulse Width for Playback-Start Input
Min. Pulse Width for Playback-Stop Input
Powering Up Time 1 (at Erasing)
Powering Up Time 2
Max. Record/Playback Time Length (2-phrase mode) *1
Max. Record/Playback Time Length (1-phrase mode) *1
Erase Execution Time *1
Max. Time for MON to Fall Down at Stop Recording*1
Powering Down Time
ms
ms
s
s
16.5
16.5
10.5
21
56
15.6
256
15.6
15.6
10
20
54
15.4
252
14.8
14.8
9.5
19
52
At fsamp = 6.4 kHz
tWRECSP
tWPLYST
tWPLYSP
tWERSST
tWERSS
tWERSH
tWS1
tWS12
tWS3
tWS4
tWRP2
tWRP1
tWE
Hold Time for Erase Input - REC1, REC2 Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com