Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2502 Datasheet(PDF) 2 Page - OKI electronic componets

Part # ML2502
Description  128Kbit Analog Cell Storage Flash Memory Revision 8.0 Apr. 01, 1999
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2502 Datasheet(HTML) 2 Page - OKI electronic componets

  ML2502 Datasheet HTML 1Page - OKI electronic componets ML2502 Datasheet HTML 2Page - OKI electronic componets ML2502 Datasheet HTML 3Page - OKI electronic componets ML2502 Datasheet HTML 4Page - OKI electronic componets ML2502 Datasheet HTML 5Page - OKI electronic componets ML2502 Datasheet HTML 6Page - OKI electronic componets ML2502 Datasheet HTML 7Page - OKI electronic componets ML2502 Datasheet HTML 8Page - OKI electronic componets ML2502 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
OKI
ML2502
ML2502 Data Sheet (Revision 8.0)
2
n BLOCK DIAGRAM
n PIN LAYOUT
PKG Code:
SSOP30-P-56-0.65
SG
Internal
Oscillator
Controller
Address Decoder
128K Bit Cell
Analog Storage Flash
Memory Array
Analog Write & Read Circuits
Power
Supplies
LPF
DVDD DGND
PLAY2 ERASE
MON
ROSC
LIN
LOUT
AVDD
AGND
AOUT
+
-
MOUT
+
-
+
-
AGC
Sampling
Clock
SAM1
SAM2
PLAY1
REC1
REC2
MIN
SPIN
SPOUT+
SPOUT-
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
DVDD
NC
REC1
REC2
PLAY1
PLAY2
ERASE
MIN
MOUT
LIN
LOUT
AVDD
AVDD
SPOUT+
NC
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
SAM1
NC
SAM2
ROSC
DGND
MON
TEST
NC
NC
AOUT
SPIN
AGND
SPOUT-
AGND
NC
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com