Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5291 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5291
Description  256-/1024-Position, Digital Potentiometers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5291 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5291 Datasheet HTML 12Page - Analog Devices AD5291 Datasheet HTML 13Page - Analog Devices AD5291 Datasheet HTML 14Page - Analog Devices AD5291 Datasheet HTML 15Page - Analog Devices AD5291 Datasheet HTML 16Page - Analog Devices AD5291 Datasheet HTML 17Page - Analog Devices AD5291 Datasheet HTML 18Page - Analog Devices AD5291 Datasheet HTML 19Page - Analog Devices AD5291 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
AD5291/AD5292
Data Sheet
0.25
–0.25
–0.15
–0.05
–0.20
–0.10
0
0.05
0.10
0.15
0.20
0
32
64
96
128
160
192
224
255
CODE (Decimal)
+25°C
–40°C
+105°C
RAB = 20kΩ
Figure 30. INL in R-Perf Mode vs. Code vs. Temperature (AD5291)
0.14
–0.06
–0.02
0.02
–0.04
0
0.04
0.06
0.08
0.10
0.12
0
32
64
96
128
160
192
224
255
CODE (Decimal)
+25°C
–40°C
+105°C
RAB = 20kΩ
Figure 31. DNL in R-Perf Mode vs. Code vs. Temperature (AD5291)
0.20
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0
32
64
96
128
160
192
224
256
CODE (Decimal)
+25°C
–40°C
+105°C
Figure 32. INL in Normal Mode vs. Code vs. Temperature (AD5291)
0.25
–0.25
–0.15
–0.05
–0.20
–0.10
0
0.05
0.10
0.15
0.20
0
32
64
96
128
160
192
224
255
CODE (Decimal)
20kΩ
50kΩ
100kΩ
TEMPERATURE = 2 5°C
Figure 33. INL in R-Perf Mode vs. Code vs. Nominal Resistance (AD5291)
0.14
–0.06
–0.02
0.02
–0.04
0
0.04
0.06
0.08
0.10
0.12
0
32
64
96
128
160
192
224
255
CODE (Decimal)
20kΩ
50kΩ
100kΩ
TEMPERATURE = 2 5°C
Figure 34. DNL in R-Perf Mode vs. Code vs. Nominal Resistance (AD5291)
0.20
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0
32
64
96
128
160
192
224
255
CODE (Decimal)
20kΩ
50kΩ
100kΩ
TEMPERATURE = 2 5°C
Figure 35. INL in Normal Mode vs. Code vs. Nominal Resistance (AD5291)
Rev. E | Page 16 of 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com