Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5291 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5291
Description  256-/1024-Position, Digital Potentiometers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5291 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5291 Datasheet HTML 22Page - Analog Devices AD5291 Datasheet HTML 23Page - Analog Devices AD5291 Datasheet HTML 24Page - Analog Devices AD5291 Datasheet HTML 25Page - Analog Devices AD5291 Datasheet HTML 26Page - Analog Devices AD5291 Datasheet HTML 27Page - Analog Devices AD5291 Datasheet HTML 28Page - Analog Devices AD5291 Datasheet HTML 29Page - Analog Devices AD5291 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Data Sheet
AD5291/AD5292
Rev. E | Page 29 of 30
AUDIO VOLUME CONTROL
The excellent THD performance and high voltage capability
make the AD5291 and AD5292 ideal for a digital volume
control as an audio attenuator or gain amplifier. A typical
problem in these systems is that a large step change in the
volume level at any arbitrary time can lead to an abrupt
discontinuity of the audio signal causing an audible zipper
noise. To prevent this, a zero-crossing window detector can be
inserted to the SYNC line to delay the device update until the
audio signal crosses the window. Because the input signal can
operate on top of any dc level rather than absolute zero volt
level, zero-crossing in this case means the signal is ac-coupled,
and the dc offset level is the signal zero reference point.
The configuration to reduce zipper noise is shown in Figure 74,
and the results of using this configuration is shown in Figure 75.
The input is ac-coupled by C1 and attenuated down before feeding
into the window comparator formed by U2, U3, and U4B. U6 is
used to establish the signal zero reference. The upper limit of
the comparator is set above its offset and, therefore, the output
pulses high whenever the input falls between 2.502 V and 2.497 V
(or 0.005 V window) in this example. This output is AND’ed
with the SYNC signal such that the AD5291 and AD5292
updates whenever the signal crosses the window. To avoid a
constant update of the device, the SYNC signal should be
programmed as two pulses, rather than as one.
In Figure 75, the lower trace shows that the volume level changes
from a quarter-scale to full-scale when a signal change occurs
near the zero-crossing window.
R1
100kΩ
R2
200Ω
5V
VIN
V+
V–
AD8541
5V
U6
R3
100kΩ
R4
90kΩ
R5
10kΩ
C1
1µF
VDD
VSS
SCLK
SDIN
V+
V–
AD5292
20kΩ
+15V
–15V
C3
0.1µF
C2
0.1µF
A
B
W
GND
SDIN
SCLK
U1
VCC
GND
VCC
GND
ADCMP371
ADCMP371
+15V
–15V
+5V
+5V
U3
U2
VOUT
U5
U4A
U4B
1
6
2
4
5
7408
7408
SYNC
SYNC
Figure 74. Audio Volume Control with Zipper Noise Reduction
CH1 500mV BW CH2 500mV
B
W M20µs
A CH2
210mV
T 50.0%
1
2
T
CHANNEL 1
FREQ = 20.25kHz
1.03V p-p
Figure 75. Zipper Noise Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com