Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5610 Datasheet(PDF) 42 Page - Analog Devices

Part # ADF5610
Description  Fractional-N PLL with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5610 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADF5610 Datasheet HTML 38Page - Analog Devices ADF5610 Datasheet HTML 39Page - Analog Devices ADF5610 Datasheet HTML 40Page - Analog Devices ADF5610 Datasheet HTML 41Page - Analog Devices ADF5610 Datasheet HTML 42Page - Analog Devices ADF5610 Datasheet HTML 43Page - Analog Devices ADF5610 Datasheet HTML 44Page - Analog Devices ADF5610 Datasheet HTML 45Page - Analog Devices ADF5610 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
ADF5610
Preliminary Technical Data
Rev. PrE | Page 42 of 48
VCO TUNE REGISTER
The VCO tune register is a read only register.
Table 27. Register 0x10, VCO Tune Register (Default 0x000020)
Bit
Type
Name
Width
Default
Description
7:0
R
VCO switch
setting
8
32
Indicates the VCO switch setting selected by the autocalibration state machine to
yield the nearest free running VCO frequency to the desired operating frequency.
Not valid when Register 0x10[8] = 1, autocalibration busy. When a manual change is
made to the VCO switch settings, this register does not indicate the current VCO
switch position. VCO subsystems may not use all the MSBs, in which case the
unused bits are don’t care bits.
0 = highest frequency.
1 = second highest frequency.
…
255 = lowest frequency.
8
R
Autocalibration
busy
1
0
Busy when the autocalibration state machine is searching for the nearest switch
setting to the requested frequency.
SUCESSIVE APPROXIMATION REGISTER
The successive approximation register (SAR) is a read only register.
Table 28. Register 0x11, Successive Approximation Register (Default 0x07FFFF)
Bit
Type
Name
Width
Default
Description
18:0
R
SAR error magnitude counts
19
219 to 1
SAR error magnitude counts
19
R
SAR error sign
1
0
SAR error sign
0 = error is positive
1 = error is negative
GENERAL-PURPOSE 2 REGISTER
The GPO2 register is a read only register.
Table 29. Register 0x12, GPO2 Register (Default 0x000000)
Bit
Type
Name
Width
Default
Description
0
R
GPO
1
0
GPO state
1
R
Lock detect
1
0
Lock detect status
1 = locked
0 = unlocked
BUILT-IN SELF TEST (BIST) REGISTER
The BIST register is a read only register.
Table 30. Register 0x13, BIST Register (Default 0x001259)
Bit
Type
Name
Width
Default
Description
16:0
R
Reserved
17
4697d
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com