Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5610 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF5610
Description  Fractional-N PLL with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5610 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF5610 Datasheet HTML 9Page - Analog Devices ADF5610 Datasheet HTML 10Page - Analog Devices ADF5610 Datasheet HTML 11Page - Analog Devices ADF5610 Datasheet HTML 12Page - Analog Devices ADF5610 Datasheet HTML 13Page - Analog Devices ADF5610 Datasheet HTML 14Page - Analog Devices ADF5610 Datasheet HTML 15Page - Analog Devices ADF5610 Datasheet HTML 16Page - Analog Devices ADF5610 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Preliminary Technical Data
ADF5610
Rev. PrE | Page 13 of 48
Figure 9. Typical Closed-Loop Integer Phase Noise, 50 MHz PD Frequency,
Output Gain = (VCO_REG 0x01[1:0] = 3d), High Performance Mode (VCO_REG
0x01[4:2] = 7d)
Figure 10. RFOUT Output Power vs Temperature,
Max Output Gain = (VCO_REG 0x01[1:0] = 3d),
High Performance Mode (VCO_REG 0x01[4:2] = 7d)
Figure 11. RFOUT 0.5 Harmonic vs Temperature
(Fundamental feedthrough at RFOUT),
Max Output Gain = (VCO_REG 0x01[1:0] = 3d),
High Performance Mode (VCO_REG 0x01[4:2] = 7d)
Figure 12. 1.5 Harmonic vs Temperature,
(3x Fundamental frequency vs RFOUT), Max Output Gain (VCO_REG
0x01[1:0] = 3d), High Performance Mode (VCO_REG 0x01[4:2] = 7d)
Figure 13. RFOUT 2nd Harmonic vs Temperature,
Max Output Gain (VCO_REG 0x01[1:0] = 3d),
High Performance Mode (VCO_REG 0x01[4:2] = 7d)
Figure 14. 2.5 Harmonic vs Temperature,
(5x Fundamental frequency vs RFOUT),



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com