Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3783 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3783
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3783 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3783 Datasheet HTML 1Page - Diodes Incorporated AP3783 Datasheet HTML 2Page - Diodes Incorporated AP3783 Datasheet HTML 3Page - Diodes Incorporated AP3783 Datasheet HTML 4Page - Diodes Incorporated AP3783 Datasheet HTML 5Page - Diodes Incorporated AP3783 Datasheet HTML 6Page - Diodes Incorporated AP3783 Datasheet HTML 7Page - Diodes Incorporated AP3783 Datasheet HTML 8Page - Diodes Incorporated AP3783 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AP3783
Document number: DS37429 Rev. 8 - 2
2 of 17
www.diodes.com
December 2017
© Diodes Incorporated
AP3783
Typical Applications Circuit
CIN2
FR1
Da
T1
D1
FB
RFB1
DRI
CPC
RCS
RFB2
CS
CVCC
U1
GND
VCC
CCPC
RST1
RST2
Q1
12V/1.5A
5V/2A
C2
R2
COUT2
DIN
R0
R1
C1
D
COUT1
CY1
AP3783
RDUMMY
CIN1
Np
Ns
Na
+
+
+
+
+
LIN
Ra
1
2
3
4
5
6
Dg
Rg
Pin Descriptions
Pin Number
Pin Name
Function
1
CS
The CS is the current sense pin of the IC. The IC will turn off the power MOSFET
according to the voltage on the CS pin
2
GND
The ground of the controller
3
VCC
The VCC pin supplies the power for the IC. In order to get the correct operation of
the IC, a capacitor with low ESR should be placed as close as possible to the VCC
pin
4
FB
The CV and CC regulation are realized based on the voltage sampling of this pin
5
DRI
Output pin to drive external MOSFET
6
CPC
A capacitor about 50nF should be connected to this pin. The voltage of CPC pin is
linear to load of the system and it is used for the functions of cable voltage drop
compensation and audio noise suppression



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com