Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3783 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3783
Description  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3783 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3783 Datasheet HTML 1Page - Diodes Incorporated AP3783 Datasheet HTML 2Page - Diodes Incorporated AP3783 Datasheet HTML 3Page - Diodes Incorporated AP3783 Datasheet HTML 4Page - Diodes Incorporated AP3783 Datasheet HTML 5Page - Diodes Incorporated AP3783 Datasheet HTML 6Page - Diodes Incorporated AP3783 Datasheet HTML 7Page - Diodes Incorporated AP3783 Datasheet HTML 8Page - Diodes Incorporated AP3783 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AP3783
Document number: DS37429 Rev. 8 - 2
3 of 17
www.diodes.com
December 2017
© Diodes Incorporated
AP3783
Functional Block Diagram
Regulator
&
Bias
OVP
OCkp
OTP
PFM
UVLO
CV_ctrl
PFM
Driver
R Q
S
R
Q
S
FB
CS
VCC
DRI
GND
Constant Voltage Control
Cable compensation
Constant Current
Control
0.05V
VFB_REF
1
3
5
2
6
4
COMP
Peak Current Control
LEB
Frequency Dither
VCSN Select
Dynamic
Response
Pro
Dyn
Shutdown
Pre_Shutdown
Line
Comp.
tONS
tONS Detector
OSC
UV
UV
VLOAD
Valley
ON
VLOAD
CC_CTRL
Output short
tONS
CPC
tOSC
Detect
pulse
VLOAD
UV
Detect ON
Detect ON
VLOAD
tOSC
CPC
VCS_D/L/M/H
VCS_D/L/M/H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com