Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTR2012K Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTR2012K
Description  REGULATOR TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTR2012K Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTR2012K Datasheet HTML 1Page - Diodes Incorporated ZXTR2012K Datasheet HTML 2Page - Diodes Incorporated ZXTR2012K Datasheet HTML 3Page - Diodes Incorporated ZXTR2012K Datasheet HTML 4Page - Diodes Incorporated ZXTR2012K Datasheet HTML 5Page - Diodes Incorporated ZXTR2012K Datasheet HTML 6Page - Diodes Incorporated ZXTR2012K Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZXTR2012K
Document number: DS36327 Rev. 2
– 2
1 of 7
www.diodes.com
April 2017
© Diodes Incorporated
ZXTR2012K
100V INPUT, 12V 50mA REGULATOR TRANSISTOR
Description
The ZXTR2012K monolithically integrates a transistor, zener diode
and resistor to function as a high-voltage linear regulator. The device
regulates with a 12V nominal output at 15mA. It
’s designed for use in
high-voltage applications where standard linear regulators cannot be
used. This function is fully integrated into a TO252 package,
minimizing PCB area and reducing a number of components when
compared with a multi-chip discrete solution.
Applications
Supply voltage regulation in:
 Startup switch in DC-DC converters
 Networking
 Telecom
 Power over Ethernet (PoE)
Features
Series Linear Regulator Using Emitter-Follower Stage
Input Voltage = 15V to 100V (For regulated output voltage)
Output Voltage = 12V ± 10%
150k
Ω resistor to limit quiescent current
Fully integrated into a TO252 package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 for High Reliability
Mechanical Data
Case: TO252-3L (DPAK)
Case Material: Molded Plastic,
“Green” Molding Compound.
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads.
Solderable per MIL-STD-202, Method 208
Weight: 0.34 grams (Approximate)
Ordering Information (Note 4)
Product
Package
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXTR2012K-13
TO252-3L
ZXTR 2012
13
16
2,500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen and Antimony free,"Green"
and Lead-Free.
3.
Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Pin Name
Pin Function
VIN
Input Supply
GND
Power Ground
VOUT
Voltage Output
Top View
Pin-Out
Top View
Internal Device
Schematic
TO252-3L
(DPAK)
ZXTR
2012
YYWW
ZXTR 2012 = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Digit of Year, (ex: 17 = 2017)
WW = Week Code 01 - 52
150k


Similar Part No. - ZXTR2012K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR2012K DIODES-ZXTR2012K Datasheet
278Kb / 7P
100V INPUT, 12V 50mA REGULATOR TRANSISTOR
Rev 1
ZXTR2012K-13 DIODES-ZXTR2012K-13 Datasheet
278Kb / 7P
100V INPUT, 12V 50mA REGULATOR TRANSISTOR
Rev 1
More results

Similar Description - ZXTR2012K

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RG RICOH-RN5RG Datasheet
125Kb / 11P
VOLTAGE REGULATOR WITH EXTERNAL POWER TRANSISTOR?
logo
Zetex Semiconductors
ZBD949 ZETEX-ZBD949 Datasheet
257Kb / 7P
PNP LOW DROPOUT REGULATOR TRANSISTOR
logo
Diodes Incorporated
ZXTR2012K DIODES-ZXTR2012K Datasheet
278Kb / 7P
100V INPUT, 12V 50mA REGULATOR TRANSISTOR
Rev 1
ZXTR2005K DIODES-ZXTR2005K Datasheet
278Kb / 7P
100V INPUT, 5V 50mA REGULATOR TRANSISTOR
Rev 2
ZXTR2005Z DIODES-ZXTR2005Z_15 Datasheet
343Kb / 7P
100V INPUT, 5V 30mA REGULATOR TRANSISTOR
Rev 3
logo
Seiko Instruments Inc
S-8353A20MC-IQFT2X SII-S-8353A20MC-IQFT2X Datasheet
2Mb / 49P
BUILT-IN TRANSISTOR SWITCHING REGULATOR
logo
Diodes Incorporated
ZXTR2005P5 DIODES-ZXTR2005P5_17 Datasheet
465Kb / 7P
100V INPUT, 5V 40mA REGULATOR TRANSISTOR
Rev 2
ZXTR2008Z DIODES-ZXTR2008Z_17 Datasheet
370Kb / 7P
REGULATOR TRANSISTOR
Rev 4
ZXTR2012P5 DIODES-ZXTR2012P5_17 Datasheet
471Kb / 7P
REGULATOR TRANSISTOR
Rev 2
ZXTR2012Z DIODES-ZXTR2012Z_17 Datasheet
376Kb / 7P
REGULATOR TRANSISTOR
Rev 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com