Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K2011 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # K2011
Description  IF filter for intercarrier application (IF= 38.0 MHz. standard B/G-CCIR, D/K-OIRT)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

K2011 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  K2011 Datasheet HTML 1Page - List of Unclassifed Manufacturers K2011 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Frequency response
Amplitude
Frequency
Amplitude
GD
Frequency
Maximum ratings
Min ambient temperature
-10
°С
Max ambient temperature
55
°С
Min storage temperature
-60
°С
Max storage temperature
55
°С
DC voltage ( between any terminals)
12 V
AC voltage ( between any terminals)
10 V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com