Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K2011 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # K2011
Description  IF filter for intercarrier application (IF= 38.0 MHz. standard B/G-CCIR, D/K-OIRT)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

K2011 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  K2011 Datasheet HTML 1Page - List of Unclassifed Manufacturers K2011 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
К2011
IF filter for intercarrier application
(IF= 38.0 MHz. standard B/G-CCIR, D/K-OIRT)
8.6max
18.7max
2.6
4x2.54
3.0
3.5max
D0 5
2
3
4
5
6
2.8
Package SIP6M
16.8
.
4
2
5
3
6
1.0
Pin configuration
2 – Input
3 - Input - ground
4 - Chip carrier - ground
5 - Output
6 - Output
Characteristics (measuring conditions: Т=25
°С, Zsource=50 Ω, Zload=2kΩ//3pF)
Parameter
min.
max.
type
unit
Insertion attenuation at
36,5MHz
(reference level for the following data)
16,7
15,2
dB
Relative attenuation:
Picture carrier
38,0 MHz
5,5
7,5
6,5
dB
Color carrier
33,57 MHz
1,8
0,8
dB
33,3 MHz
3,2
2,2
dB
Sound carrier
31,5 MHz
13
15,5
14
dB
32,5 MHz
14
17
15,5
dB
Lower sidelobe
15,0-30,0 MHz
40
44
dB
Adjacent picture carrier
30,0 MHz
45
50
dB
Adjacent sound carrier
39,5 MHz
40
50
dB
Upper sidelobe
39,5-42,0 MHz
40
44
dB
42,0-56 MHz
40
42
dB
Amplitude ripple:
31,4-31,6 MHz
2,0
0,6
dB
32,4-32,6 MHz
3,5
2,5
dB
33,57-37,0 MHz
0,5
0,7
dB
Reflected wave signal suppression 1,2 -6,0 µs after main
pulse ( test pulse: 250 ns, carrier frequency 36,5 MHz)
40
46
dB
Feedthrough signal suppression 0,9 – 1,2 µs before main
pulse (test pulse: 250 ns, carrier frequency 36,5 MHz)
40
52
dB
Impedance at
36,5MHz
Input Zin=Rin //Cin
1,3//13,0
k
Ω//pF
Output Zout =Rout //Cout
3,0//5,0
k
Ω//pF
Group delay predistortion
(reference frequency 38,0 MHz)
33,57MHz
0
ns
35,9 MHz
-50
ns
Temperature coefficient of frequency
-72
ppm/
°K


Similar Part No. - K2011

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K201 KODENSHI-K201 Datasheet
140Kb / 3P
Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
logo
COSMO Electronics Corp...
K2010 COSMO-K2010 Datasheet
409Kb / 2P
High Reliability Photo Coupler
K2010 COSMO-K2010 Datasheet
129Kb / 6P
High Reliability Photocoupler
K20101A COSMO-K20101A Datasheet
129Kb / 6P
High Reliability Photocoupler
K20101ATL COSMO-K20101ATL Datasheet
289Kb / 11P
6PIN PHOTOTRANSISTOR PHOTOCOUPLER
More results

Similar Description - K2011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K2955M ETC-K2955M Datasheet
82Kb / 6P
IF Filter for Intercarrier Applications
logo
EPCOS
K2962M EPCOS-K2962M Datasheet
89Kb / 6P
IF Filter for Intercarrier Applications
K2965M EPCOS-K2965M Datasheet
89Kb / 6P
IF Filter for Intercarrier Applications
G1963M EPCOS-G1963M Datasheet
87Kb / 6P
IF Filter for Intercarrier Applications
G1962M EPCOS-G1962M Datasheet
89Kb / 6P
IF Filter for Intercarrier Applications 38,90 MHz
K2966M EPCOS-K2966M Datasheet
88Kb / 6P
IF Filter for Intercarrier Applications
J1951M EPCOS-J1951M Datasheet
88Kb / 6P
IF Filter for Intercarrier Applications
M1871M EPCOS-M1871M Datasheet
86Kb / 6P
IF Filter for Intercarrier Applications
K2959M EPCOS-K2959M Datasheet
90Kb / 6P
IF Filter for Intercarrier Applications 38,00 MHz
logo
Advanced Crystal Techno...
ACTK7044D ACT-ACTK7044D Datasheet
93Kb / 3P
IF Filter for Intercarrier Applications
SEPT 04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com