Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL22G-SH2-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # UL22G-SH2-R
Description  LED DRIVER CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL22G-SH2-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button UL22G-SH2-R Datasheet HTML 5Page - Unisonic Technologies UL22G-SH2-R Datasheet HTML 6Page - Unisonic Technologies UL22G-SH2-R Datasheet HTML 7Page - Unisonic Technologies UL22G-SH2-R Datasheet HTML 8Page - Unisonic Technologies UL22G-SH2-R Datasheet HTML 9Page - Unisonic Technologies UL22G-SH2-R Datasheet HTML 10Page - Unisonic Technologies UL22G-SH2-R Datasheet HTML 11Page - Unisonic Technologies UL22G-SH2-R Datasheet HTML 12Page - Unisonic Technologies UL22G-SH2-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
UL22
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 13
www.unisonic.com.tw
QW-R125-088.a
REFERENCE DESIGN
1.
4.5W, 2-channel COLOR control by ON/OFF AC-Switch (Free-Dimming
TM)
Featured
Device
Application
Input Voltage
Output Voltage
(Rated Current)
Rated Output
Power
Topology
UTC UL22
LED Driver with
Free-Dimming
TM
90~264VAC
30V/150mA
4.5W
Flyback with
DCM fixed FOSC
Schematic
Figure 4: Schematic
Typical Performance
Table 1: Measured Results
Vin
90Vac
110Vac
135Vac
175Vac
220Vac
264Vac
Pin, [W]
5.644
5.585
5.584
5.629
5.691
5.797
VLED, [V]
32.20
31.93
31.93
31.91
31.90
31.90
ILED, [mA]
149.3
149.2
149.2
149.2
149.3
149.4
EFFLED, [%]
85.18
85.3
85.31
84.58
83.69
82.21
ACC, [%]
0.00
-0.07
-0.07
-0.07
0.00
0.07
THD, [%]
8.389
7.122
9.859
10.328
15.356
19.949
PF
0.993
0.99
0.983
0.967
0.939
0.907



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com