Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL22G-SH2-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # UL22G-SH2-R
Description  LED DRIVER CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL22G-SH2-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button UL22G-SH2-R Datasheet HTML 5Page - Unisonic Technologies UL22G-SH2-R Datasheet HTML 6Page - Unisonic Technologies UL22G-SH2-R Datasheet HTML 7Page - Unisonic Technologies UL22G-SH2-R Datasheet HTML 8Page - Unisonic Technologies UL22G-SH2-R Datasheet HTML 9Page - Unisonic Technologies UL22G-SH2-R Datasheet HTML 10Page - Unisonic Technologies UL22G-SH2-R Datasheet HTML 11Page - Unisonic Technologies UL22G-SH2-R Datasheet HTML 12Page - Unisonic Technologies UL22G-SH2-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
UL22
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11 of 13
www.unisonic.com.tw
QW-R125-088.a
REFERENCE DESIGN (Cont.)
2.
5.8W, 2-channel COLOR control by ON/OFF AC Switch (Free-Dimming
TM)
Featured
Device
Application
Input Voltage
Output Voltage
(Rated Current)
Rated Output
Power
Topology
UTC UL22
LED Driver with
Free-Dimming
TM
180~264VAC
42V/140mA
5.88W
Buck-Boost with
DCM fixed FOSC
Schematic
8
7
6
5
4
3
2
1
CLK
VDD
DRV
SW2
SW1
CS
FB
COMP
UTC UL22
+
C5
10uF/
50V
DB1
MB6S
AC Input
L1 10mH
C1
47nF/
630V
C2
100nF
/630V
R3
130K
R10
39R
R1
130K
R2
130K
R4
750K
R6 39R
C6
220nF
R5
33K
C7
10nF
R13
39R
R14
39R
3
2
RCS1
3R0
1
Q2
PMV213SN215
1.9A/100V
Q3
PMV213SN215
1.9A/100V
R15
+
D2 ES1JL
1A/600V
RL1
10K
Q1
STD3NK60
2.4A/600V
RCS2
3R0
T1
Buck-Boost
L12=680uH
N12:N13=142T:75T
Core: EE13
42V/140mA
D1
ES1J
2A/600V
C4
47nF
C3A
33uF/
250V
R9
750K
R12
5.1K
R16
3R9
3R3
Good Layout consideration with proper filter should be considered.
Figure 5: Schematic
Typical Performance
Table 2: Measured Results
Vin
180Vac
200Vac
220Vac
240Vac
264Vac
Pin, [W]
6.723
6.766
6.815
6.863
6.934
VLED, [V]
40.98
40.92
40.88
40.84
40.8
ILED, [mA]
140.8
140.7
140.7
140.7
140.6
EFFLED, [%]
85.82
85.09
84.4
83.73
82.73
ACC, [%]
0.07
0.00
0.00
0.00
-0.07
THD, [%]
12
14.12
16.16
17.87
20.78
PF
0.956
0.943
0.929
0.927
0.91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com