Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL23EAG-SH2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UL23EAG-SH2-R
Description  HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL23EAG-SH2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UL23EAG-SH2-R Datasheet HTML 1Page - Unisonic Technologies UL23EAG-SH2-R Datasheet HTML 2Page - Unisonic Technologies UL23EAG-SH2-R Datasheet HTML 3Page - Unisonic Technologies UL23EAG-SH2-R Datasheet HTML 4Page - Unisonic Technologies UL23EAG-SH2-R Datasheet HTML 5Page - Unisonic Technologies UL23EAG-SH2-R Datasheet HTML 6Page - Unisonic Technologies UL23EAG-SH2-R Datasheet HTML 7Page - Unisonic Technologies UL23EAG-SH2-R Datasheet HTML 8Page - Unisonic Technologies UL23EAG-SH2-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
UL23EA
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 13
www.unisonic.com.tw
QW-R125-072.c
MARKING
PIN CONFIGURATION
1
VDD
2
VCC
3
REXT1
8 VIN
7 NC
6 OUT1
5 OUT2
REXT2 4
GND
9
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VDD
Analog circuit power port
2
VCC
Digital circuit power port
3
REXT1
Output Current Setting Pin 1.
4
REXT2
Output Current Setting Pin 2.
5
OUT2
Constant flow output port 2
6
OUT1
Constant flow output port 1
7
NC
No connect
8
VIN
Power input port
9
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com