Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UL23EAG-SH2-R Datasheet(PDF) 12 Page - Unisonic Technologies

Part # UL23EAG-SH2-R
Description  HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL23EAG-SH2-R Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button UL23EAG-SH2-R Datasheet HTML 5Page - Unisonic Technologies UL23EAG-SH2-R Datasheet HTML 6Page - Unisonic Technologies UL23EAG-SH2-R Datasheet HTML 7Page - Unisonic Technologies UL23EAG-SH2-R Datasheet HTML 8Page - Unisonic Technologies UL23EAG-SH2-R Datasheet HTML 9Page - Unisonic Technologies UL23EAG-SH2-R Datasheet HTML 10Page - Unisonic Technologies UL23EAG-SH2-R Datasheet HTML 11Page - Unisonic Technologies UL23EAG-SH2-R Datasheet HTML 12Page - Unisonic Technologies UL23EAG-SH2-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
UL23EA
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
12 of 13
www.unisonic.com.tw
QW-R125-072.c
MULTIPLE IC PARALLEL SCHEMES (Cont.)
UL23EA
support multiple IC parallel schemes. No stroboscopic of color temperature application as shown in the
figure .If the output power is too large that the IC over temperature, Multiple IC parallel schemes can be adopted.
Typical Applications:RREXT1=RREXT3=RREXT5=20Ω,RREXT2=RREXT4=RREXT6=20Ω,
0.3S < Switching Period < 3S;
Open the switch for the 1st time,IOUT2=90mA;
Open the switch for the 2nd time,IOUT1= IOUT2=45mA;
Open the switch for the 3rd time,IOUT1=90mA;
When the switching period > 3S,System reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com