Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML63187 Datasheet(PDF) 12 Page - OKI electronic componets

Part # ML63187
Description  4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63187 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button ML63187 Datasheet HTML 8Page - OKI electronic componets ML63187 Datasheet HTML 9Page - OKI electronic componets ML63187 Datasheet HTML 10Page - OKI electronic componets ML63187 Datasheet HTML 11Page - OKI electronic componets ML63187 Datasheet HTML 12Page - OKI electronic componets ML63187 Datasheet HTML 13Page - OKI electronic componets ML63187 Datasheet HTML 14Page - OKI electronic componets ML63187 Datasheet HTML 15Page - OKI electronic componets ML63187 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
¡ Semiconductor
ML63187/63189B
12/35
PIN DESCRIPTIONS
The basic functions of each pin of the ML63187/ML63189B are described in Table 1.
A symbol with a slash (/) denotes a pin that has a secondary function.
Refer to Table 2 for secondary functions.
For type, "—" denotes a power supply pin, "I" an input pin, "O" an output pin, and "I/O" an input-
output pin.
Table 1 Pin Descriptions (Basic Functions)
Function Symbol
Pin No.
Type
VDD
—
VSS
—
VDD1
VDD2
VDD3
—
VDD4
Power
Supply
VDD5
C1
—
C2
—
VDDI
—
VDDL
—
VDDH
—
CB1
—
CB2
—
XT0
I
Oscillation
XT1
O
OSC0
I
OSC1
O
Description
Positive power supply
Negative power supply
Power supply pins for LCD bias (internally generated).
Capacitors (0.1 mF) should be connected between these
pins and VSS.
Capacitor connection pins for LCD bias generation.
A capacitor (0.1 mF) should be connected between C1 and C2.
Positive power supply pin for external interface
(power supply for input, and input-output ports)
Positive power supply pin for internal logic (internally
generated).
A capacitor (0.1 mF) should be connected between this
pin and VSS.
Voltage multiplier pin for power supply backup
(internally generated).
A capacitor (1.0 mF) should be connected between this
pin and VSS.
Pins to connect a capacitor for voltage multiplier.
A capacitor (1.0 mF) should be connected between CB1
and CB2.
Low-speed clock oscillation pins.
An option for using crystal oscillation or RC oscillation
is chosen by the mask option.
If the crystal oscillation is chosen, a crystal should be
connected between XT0 and XT1, and capacitor (CG)
should be connected between XT0 and VSS.
If the RC oscillation is chosen, external oscillation
resistor (ROSL) should be connected between XT0 and
XT1.
High-speed clock oscillation pins.
A ceramic resonator and capacitors (CL0, CL1) or external
oscillation resistor (ROSH) should be connected to these pins.
56
45
46
47
48
49
50
51
52
69
57
53
54
55
62
61
59
58
Pad No.
82
71
72
73
74
75
76
77
78
93
83
79
80
81
88
87
85
84
ML63189B
ML63187
54
43
44
45
46
47
48
49
50
70
55
51
52
53
60
59
57
56
72
61
62
63
64
65
66
67
68
83
73
69
70
71
78
77
75
74
ML63189B
ML63187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com