Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML63187 Datasheet(PDF) 2 Page - OKI electronic componets

Part # ML63187
Description  4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63187 Datasheet(HTML) 2 Page - OKI electronic componets

  ML63187 Datasheet HTML 1Page - OKI electronic componets ML63187 Datasheet HTML 2Page - OKI electronic componets ML63187 Datasheet HTML 3Page - OKI electronic componets ML63187 Datasheet HTML 4Page - OKI electronic componets ML63187 Datasheet HTML 5Page - OKI electronic componets ML63187 Datasheet HTML 6Page - OKI electronic componets ML63187 Datasheet HTML 7Page - OKI electronic componets ML63187 Datasheet HTML 8Page - OKI electronic componets ML63187 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
¡ Semiconductor
ML63187/63189B
2/35
• Stack level
Call stack level
: 16 levels
Register stack level
: 16 levels
• I/O ports
Input ports: Selectable as input with pull-up resistor/input with pull-down resistor/high-
impedance input
Input-output ports: Selectable as input with pull-up resistor/input with pull-down resistor/
high-impedance input
Selectable as P-channel open drain output/N-channel open drain
output/CMOS output/high-impedance output
Can be interfaced with external peripherals that use a different power supply than this device
uses.
Number of ports:
ML63187
Input-output port
: 2 ports ¥ 4 bits
ML63189B
Input port
: 1 port ¥ 4 bits
Input-output port
: 4 ports ¥ 4 bits
• Melody output
Melody frequency
: 529 to 2979 Hz
Tone length
: 63 types
Tempo
: 15 types
Melody data
: Resides in the program memory
Buzzer driver signal output
: 4 kHz
• LCD driver
Number of segments
: 1024 Max. (64 SEG ¥ 16 COM)
1/1 to 1/16 duty
1/4 or 1/5 bias (regulator built-in)
Selectable as all-ON mode/all-OFF mode/power down mode/normal display mode
Adjustable contrast
• Reset function
Reset through RESET pin
Power-on reset
Reset by low-speed oscillation halt
• Battery check
Low-voltage supply check
The value of the judgment voltage is selected by the software by setting the LD1 and LD0 bits
of BLDCON.
LD1
0
0
1
1
LD0
0
1
0
1
Judgment Voltage (V)
1.05 ±0.10
1.20 ±0.10
1.80 ±0.10
2.40 ±0.10
Remarks
Ta = 25°C
Ta = 25°C
Ta = 25°C
Ta = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com