Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528 Datasheet(PDF) 256 Page - Texas Instruments

Click here to check the latest version.
Part # AM6528
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6528 Datasheet(HTML) 256 Page - Texas Instruments

Back Button AM6528 Datasheet HTML 252Page - Texas Instruments AM6528 Datasheet HTML 253Page - Texas Instruments AM6528 Datasheet HTML 254Page - Texas Instruments AM6528 Datasheet HTML 255Page - Texas Instruments AM6528 Datasheet HTML 256Page - Texas Instruments AM6528 Datasheet HTML 257Page - Texas Instruments AM6528 Datasheet HTML 258Page - Texas Instruments AM6528 Datasheet HTML 259Page - Texas Instruments AM6528 Datasheet HTML 260Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 299 page
background image
256
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
•
Address Lookup Engine (ALE)
–
Configurable number of addresses plus VLANs
–
Wire rate lookup
–
Host controlled time-based aging and/or auto-aging
–
Spanning tree support
–
Multiple spanning tree support
–
L2 address lock and L2 filtering support
–
MAC authentication (802.1x)
–
Receive-based or destination-based Multicast and Broadcast rate limits
–
MAC address blocking
–
Source port locking
–
OUI (Vendor ID) host accept/deny feature
–
Configurable number of classifier/policers
•
VLAN support
–
802.1Q compliant
•
Auto add port VLAN for untagged frames on ingress
•
Auto VLAN removal on egress and auto pad to minimum frame size
•
Ethernet Statistics:
–
EtherStats and 802.3Stats Remote network Monitoring (RMON) statistics gathering (per port)
–
Castagnoli or Ethernet CRC selectable per port
–
Ethernet Mac transmit to Ethernet Mac receive Loopback mode (digital loopback) supported
–
CPSGMII Loopback Modes (transmit to receive)
–
Maximum frame size of 2024 bytes
–
Management Data Input/Output (MDIO) module for PHY Management with Clause 45 support
–
Programmable interrupt control with selected interrupt pacing
–
Host port CPPI Streaming Packet Interface (CPPI_GCLK)
•
Flow Control Support (802.3x)
•
Digital loopback and FIFO loopback modes supported
•
Emulation support
•
Full duplex mode supported in 10/100/1000 Mbps. Half-duplex mode supported only in 10/100 Mbps
modes only.
•
RAM Error Detection and Correction (SECDED)
The following MCU_CPSW0 features are not supported:
•
Maximum frame size of 9600 bytes
•
MII/ GMII Mode
•
SGMII Mode
•
MACSEC
•
Synchronous Ethernet
•
Software reset
•
Ethernet Port Reset Isolation
•
Rate-limiting is not supported in half-duplex mode
•
Dual VLAN switch operations are not supported
•
Gigabit half-duplex mode is not supported (10/100 Mbps half-duplex mode is supported).
For more information, see section Gigabit Ethernet Switch (MCU_CPSW0) in chapter Peripherals of the
device TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com