Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6528 Datasheet(PDF) 260 Page - Texas Instruments

Click here to check the latest version.
Part # AM6528
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6528 Datasheet(HTML) 260 Page - Texas Instruments

Back Button AM6528 Datasheet HTML 256Page - Texas Instruments AM6528 Datasheet HTML 257Page - Texas Instruments AM6528 Datasheet HTML 258Page - Texas Instruments AM6528 Datasheet HTML 259Page - Texas Instruments AM6528 Datasheet HTML 260Page - Texas Instruments AM6528 Datasheet HTML 261Page - Texas Instruments AM6528 Datasheet HTML 262Page - Texas Instruments AM6528 Datasheet HTML 263Page - Texas Instruments AM6528 Datasheet HTML 264Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 299 page
background image
260
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
•
Display Controller (DISPC), with the following main features
–
One Direct Memory Access (DMA) engine
–
One Video Pipeline (VID1), including VC1 Range Mapping Unit, Scaler, and Color Space Converter
(CSC)
–
One Overlay Manager (OVR1)
–
Active Matrix color support for 12/16/18/24-bit (truncated or dithered encoded pixel values)
–
One Video Port (VP1) with programmable timing generator to support up to 148.5 MHz pixel clock
video formats defined in CEA-861-E and VESA DMT standards
–
Supported maximum FrameBuffer width of 4096 for all pixel formats
–
Configurable output mode: progressive or interlaced
–
Selection between RGB and YUV422 output pixel formats (YUV422 only available when BT-656 or
BT-1120 output mode is enabled on the parallel interface)
–
Stall Mode support for RFBI
•
Remote Frame Buffer Interface (RFBI) module, with the following main features:
–
Access to RFB direct “Arm interface”
•
Sending commands and data to the RFB panel, received from DISPC or from Arm (through the
32-bit interconnect slave port)
•
Reading data/status from the RFB through the 32-bit interconnect slave port
–
RFB interface:
•
8/9/12/16-bit data bus (for up to QVGA @30fps)
•
Two programmable configurations for two peripheral devices connected to the RFBI module
•
Tearing Effect control logic: Horizontal Synchronization (HSync) and Vertical Synchronization
(VSync) embedded in a single signal (TE) or using two signals (HS+VS)
•
Programmable pixel memory and output formats
DSS provides two interfaces to SoC interconnect:
•
One 128-bit master port (with MFLAG support). The DMA engine in DISPC uses this single master port
to read data from SoC system memory.
•
One 32-bit slave port. Used for configuration of the memory mapped registers inside DSS. It is further
connected internally to DISPC and RFBI modules.
Display outputs can connect seamlessly to an OpenLDI interface or can drive device pins as a parallel
video output interface. The OLDI_TX module is an Open LVDS Display Interface transmitter is designed to
support serialized RGB pixel data transmission between a host and flat panel display over LVDS signal
lines. It translates 21 or 28 bit wide video and sync data into 3 or 4 bit wide serial data 7 bits deep.
The OLDI_TX module include the following features:
•
OLDI Mapping
–
3 or 4 LVDS data channels
–
VESA or JEIDA bit mapping
•
Multiple OLDI Link Modes
–
Single Link (Duplicate or non-duplicate mode)
–
Dual Link (master or slave mode)
–
Link Disable
•
Clock Transmission
•
ANSI/TIA/EIA644-A compliant VLVDS signaling
OLDI_TX Not Support features:
•
DC balanced mode on LVDS output
•
Hot plug detection
•
EDID/DDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com