Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF10-COM01F2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF10-COM01F2
Description  EMI FILTER INCLUDING ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF10-COM01F2 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF10-COM01F2 Datasheet HTML 1Page - STMicroelectronics EMIF10-COM01F2 Datasheet HTML 2Page - STMicroelectronics EMIF10-COM01F2 Datasheet HTML 3Page - STMicroelectronics EMIF10-COM01F2 Datasheet HTML 4Page - STMicroelectronics EMIF10-COM01F2 Datasheet HTML 5Page - STMicroelectronics EMIF10-COM01F2 Datasheet HTML 6Page - STMicroelectronics EMIF10-COM01F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
®
1/7
MAIN PRODUCT CHARACTERISTICS
EMI filtering and ESD protection for:
■ Computers and printers
■ Communication systems
■ Mobile phones
DESCRIPTION
The EMIF10-COM01F2 is a highly integrated
device designed to suppress EMI / RFI noise in all
systems subjected to electromagnetic interfer-
ences. The EMIF10 Flip-Chip packaging means
the package size is equal to the die size.
Additionally, this filter includes an ESD protection
circuitry which prevents the protected device from
destruction when subjected to ESD surges up to
15 kV.
BENEFITS
■ EMI symmetrical (I/O) low-pass filter
■ Lead free package
■ Very low PCB space consuming: < 6mm
2
■ Very thin package: 0.65 mm
■ High efficiency in ESD suppression on both
input & output pins
■ High reliability offered by monolithic integration
COMPLIES WITH THE FOLLOWING STANDARDS:
IEC61000-4-2 level 4
15kV (air discharge)
8kV (contact discharge)
EMIF10-COM01F2
EMI FILTER
INCLUDING ESD PROTECTION
REV. 2
April 2005
Flip-Chip
(25 Bumps)
Figure 1: Pin Configuration (Ball side)
1
2
3
4
5
ED
C
BA
02
04
03
05
06
09
08
010
07
GND
GND
GND
I1
I9
I8
I10
I2
I4
I3
GND
GND
I6
I7
01
I5
TM: IPAD is a trademark of STMicroelectronics.
Table 1: Order Code
Part Number
Marking
EMIF010-COM01F2
FE
Figure 2: Basic cell configuration
Output
Low-pass Filter
R
= 200
I/O
Ω
C
= 45 pF
line
Input
IPAD™


Similar Part No. - EMIF10-COM01F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF10-COM01F2 STMICROELECTRONICS-EMIF10-COM01F2 Datasheet
188Kb / 7P
10-line IPAD, EMI filter including ESD protection
17-Apr-2008
EMIF10-COM01F2 STMICROELECTRONICS-EMIF10-COM01F2_08 Datasheet
188Kb / 7P
10-line IPAD, EMI filter including ESD protection
17-Apr-2008
More results

Similar Description - EMIF10-COM01F2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF01-10005W5 STMICROELECTRONICS-EMIF01-10005W5 Datasheet
159Kb / 10P
EMI FILTER INCLUDING ESD PROTECTION
May-1999
EMIF01-10018W5 STMICROELECTRONICS-EMIF01-10018W5 Datasheet
150Kb / 10P
EMI FILTER INCLUDING ESD PROTECTION
Sep-1999
EMIF09-02726SX STMICROELECTRONICS-EMIF09-02726SX Datasheet
156Kb / 12P
EMI FILTER INCLUDING ESD PROTECTION
02-Apr-1000
EMIF04-2005QCF STMICROELECTRONICS-EMIF04-2005QCF Datasheet
33Kb / 4P
EMI FILTER INCLUDING ESD PROTECTION
Dec-2002
EMIF08-2005QEJ STMICROELECTRONICS-EMIF08-2005QEJ Datasheet
32Kb / 4P
EMI FILTER INCLUDING ESD PROTECTION
05-Nov-2002
EMIF10-1K010F1 STMICROELECTRONICS-EMIF10-1K010F1 Datasheet
232Kb / 13P
EMI FILTER INCLUDING ESD PROTECTION
July 2002 - Ed: 3C
EMIF10-1K010F2 STMICROELECTRONICS-EMIF10-1K010F2 Datasheet
76Kb / 7P
EMI FILTER INCLUDING ESD PROTECTION
12-Oct-2004
EMIF08-2005QEJ STMICROELECTRONICS-EMIF08-2005QEJ_05 Datasheet
51Kb / 6P
EMI FILTER INCLUDING ESD PROTECTION
01-Apr-2005
EMIF04-2005QCF STMICROELECTRONICS-EMIF04-2005QCF_05 Datasheet
54Kb / 6P
EMI FILTER INCLUDING ESD PROTECTION
01-Apr-2005
EMIF10-COM01C2 STMICROELECTRONICS-EMIF10-COM01C2 Datasheet
199Kb / 7P
EMI Filter including ESD protection
04-Apr-2006
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com