Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF10-COM01F2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF10-COM01F2
Description  EMI FILTER INCLUDING ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF10-COM01F2 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF10-COM01F2 Datasheet HTML 1Page - STMicroelectronics EMIF10-COM01F2 Datasheet HTML 2Page - STMicroelectronics EMIF10-COM01F2 Datasheet HTML 3Page - STMicroelectronics EMIF10-COM01F2 Datasheet HTML 4Page - STMicroelectronics EMIF10-COM01F2 Datasheet HTML 5Page - STMicroelectronics EMIF10-COM01F2 Datasheet HTML 6Page - STMicroelectronics EMIF10-COM01F2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EMIF10-COM01F2
4/7
PCB grounding recommendations
In order to ensure a good efficiency in terms of ESD protection and filtering behavior, we recommend to
implement microvias (100 µm dia.) between the GND bumps and the GND layer. GND bumps can be con-
nected together in PCB layer 1, and in addition, if possible, use through hole vias (200
µm dia.) in both
sides of filter to improve contact to GND (layer). This layout will minimize the distance to the ground and
thus parasitic inductances. In addition, we recommend to have GND plane wherever possible.
Figure 8: Capacitance versus reverse applied
voltage
Figure 9: Aplac model
10
20
30
40
50
012
3
45
VR(V)
C(pF)
F=1MHz
Vosc=30mV
Demif10 model
BV = 7
IBV = 1m
CJO = 25p
M = 0.3333
RS = 1
VJ = 0.6
TT = 100n
out
in
200R
MODEL = demif10
MODEL = demif10
sub



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com