Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F367GA Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB91F367GA
Description  32-BIT MICROCONTROLLER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F367GA Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB91F367GA Datasheet HTML 5Page - fujitsu semiconductor MB91F367GA Datasheet HTML 6Page - fujitsu semiconductor MB91F367GA Datasheet HTML 7Page - fujitsu semiconductor MB91F367GA Datasheet HTML 8Page - fujitsu semiconductor MB91F367GA Datasheet HTML 9Page - fujitsu semiconductor MB91F367GA Datasheet HTML 10Page - fujitsu semiconductor MB91F367GA Datasheet HTML 11Page - fujitsu semiconductor MB91F367GA Datasheet HTML 12Page - fujitsu semiconductor MB91F367GA Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
FME / EMDC / Br+JR - mb91f367g_f368g_ds.fm
9
10-Apr-01
Remark:
Set bit 9 (SYNCR) of TBCR to 1 to enable the synchronisation of the reset signal; a reset will be generated only
after all bus accesses have been done. This avoids that erroneous data are written into the RAMs during reset.
Interrupt Controller
8 external interrupt channels,
38 internal interrupts,
16 programmable priority levels
Bit Search Module
Searches a word for the position of the
first “1” and “0” change bit, starting from
the MSB. Performs the search in 1 cycle.
Fixed Reset Vector
Hardwired reset and mode vector
Code start at 0F:4000H
Voltage Regulator
Generates internal voltage of 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com