Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F367GA Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB91F367GA
Description  32-BIT MICROCONTROLLER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F367GA Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB91F367GA Datasheet HTML 9Page - fujitsu semiconductor MB91F367GA Datasheet HTML 10Page - fujitsu semiconductor MB91F367GA Datasheet HTML 11Page - fujitsu semiconductor MB91F367GA Datasheet HTML 12Page - fujitsu semiconductor MB91F367GA Datasheet HTML 13Page - fujitsu semiconductor MB91F367GA Datasheet HTML 14Page - fujitsu semiconductor MB91F367GA Datasheet HTML 15Page - fujitsu semiconductor MB91F367GA Datasheet HTML 16Page - fujitsu semiconductor MB91F367GA Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
FME / EMDC / Br+JR - mb91f367g_f368g_ds.fm 13
10-Apr-01
Real Time Clock (RTC)
(Watch Timer)
facility to correct oscillation deviation
read/write accessible second/minute/
hour registers
can signal interrupts every second/
minute/hour/day
internal clock divider and prescaler pro-
vide exact 1s clock
this clock is based on the 4 MHz oscilla-
tor or if the subclock option is selected on
the 32 kHz subclock
Clock disable
prescaler values are 1E847FH ,
and 4000H for 4MHz and
32.768KHz respectively.
32KHz subclock
+ calibration unit
In RTC mode, the RTC module can be
driven by either 4MHz or 32KHz oscilla-
tor, depending on the configuration.
Additional hardware which allows calibra-
tion of the 32KHz clock based on the
4MHz clock is built in.
This function is only available on
MB91F368GA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com