Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9700 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP9700
Description  Low-Power Voltage Output Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9700 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP9700 Datasheet HTML 4Page - Microchip Technology MCP9700 Datasheet HTML 5Page - Microchip Technology MCP9700 Datasheet HTML 6Page - Microchip Technology MCP9700 Datasheet HTML 7Page - Microchip Technology MCP9700 Datasheet HTML 8Page - Microchip Technology MCP9700 Datasheet HTML 9Page - Microchip Technology MCP9700 Datasheet HTML 10Page - Microchip Technology MCP9700 Datasheet HTML 11Page - Microchip Technology MCP9700 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MCP9700/01
DS21942A-page 8
© 2005 Microchip Technology Inc.
3.0
FUNCTIONAL DESCRIPTION
The MCP9700/01 temperature sensing element is
essentially a P-N junction or a diode. The diode electri-
cal characteristics has a temperature coefficient that
provides a change in voltage based on the relative
ambient temperature from -40°C to 125°C. The change
in voltage is scaled to a temperature coefficient of
10.0 mV/°C (typ.) for the MCP9700 and 19.5 mV/°C
(typ.) for the MCP9701. The output voltage at 0°C is
also scaled to 500 mV (typ.) and 400 mV (typ.) for the
MCP9700 and MCP9701, respectively. This linear
scale is described in the transfer function shown in
Equation 3-1.
EQUATION 3-1:
SENSOR TRANSFER
FUNCTION
V
OUT
T
C1
T
A
V
0
°C
+
•
=
Where:
TA
= Ambient Temperature
VOUT = Sensor Output Voltage
V0°C = Sensor Output Voltage at 0°C
TC1 = Temperature Coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com