Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9700 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP9700
Description  Low-Power Voltage Output Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9700 Datasheet(HTML) 1 Page - Microchip Technology

  MCP9700 Datasheet HTML 1Page - Microchip Technology MCP9700 Datasheet HTML 2Page - Microchip Technology MCP9700 Datasheet HTML 3Page - Microchip Technology MCP9700 Datasheet HTML 4Page - Microchip Technology MCP9700 Datasheet HTML 5Page - Microchip Technology MCP9700 Datasheet HTML 6Page - Microchip Technology MCP9700 Datasheet HTML 7Page - Microchip Technology MCP9700 Datasheet HTML 8Page - Microchip Technology MCP9700 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21942A-page 1
MCP9700/01
Features
• Tiny Analog Temperature Sensor
• Available Packages: SC70-5
• Wide Temperature Measurement Range:
- -40°C to +125°C
• Accuracy: ±4°C (max.), 0°C to +70°C
• Optimized for Analog-to-Digital Converters
(ADCs):
- MCP9700: 10.0 mV/°C (typ.)
- MCP9701: 19.5 mV/°C (typ.)
• Wide Operating Voltage Range:
- MCP9700: VDD = 2.3V to 5.5V
- MCP9701: VDD = 3.1V to 5.5V
• Low Operating Current: 6 µA (typ.)
• Optimized to Drive Large Capacitive Loads
Typical Applications
• Hard Disk Drives and Other PC Peripherals
• Entertainment Systems
• Home Appliance
• Office Equipment
• Battery Packs and Portable Equipment
• General Purpose Temperature Monitoring
Description
The MCP9700/01 low-cost, low-power and tiny tem-
perature sensor family converts temperature to an
analog voltage. It provides an accuracy of ±4°C from
0°C to +70°C while consuming 6 µA (typ.) of operating
current.
The MCP9700/01 provides a low-cost solution for
applications that require measurement of a relative
change of temperature. When measuring relative
change in temperature from 25°C, an accuracy of
±1°C (typ.) can be realized from 0°C to 70°C. This
accuracy can also be achieved by applying system
calibration at 25°C.
Unlike resistive sensors such as thermistors, this
family does not require a signal conditioning circuit.
The voltage output pin can be directly connected to an
ADC input of a microcontroller. The MCP9700 and
MCP9701 temperature coefficients are scaled to
provide a 1° C/bit resolution for an 8-bit ADC with a
reference voltage of 2.5V and 5V, respectively.
In addition, this family is immune to the effects of
parasitic capacitance and can drive large capacitive
loads. This provides Printed Circuit Board (PCB) layout
design flexibility by enabling the device to be remotely
located
from
the
microcontroller.
Adding
some
capacitance at the output also helps the output
transient
response
by
reducing
overshoots
or
undershoots. However, capacitive load is not required
for sensor output stability.
Package Type
Typical Application Circuit
GND
VDD
VOUT
NC
4
1
2
3
5
SC70-5
NC
GND
VDD
MCP9700/01
PICmicro®
Microcontroller
ANI
MCLR
VDD
10 k
Ω
VSS
VDD
VOUT
Cbypass
VDD
0.1 µF
Low-Power Voltage Output Temperature Sensor


Similar Part No. - MCP9700

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9700 MICROCHIP-MCP9700 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
MCP9700 MICROCHIP-MCP9700 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
MCP9700 MICROCHIP-MCP9700 Datasheet
252Kb / 18P
Low-Power Linear Active Thermistor ICs
08/24/05
MCP9700 MICROCHIP-MCP9700 Datasheet
735Kb / 26P
Low-Power Linear Active Thermistor ICs
Revision J November 2022
MCP9700 MICROCHIP-MCP9700 Datasheet
625Kb / 22P
Low-Power Linear Active Thermistor ICs
Revision G June 2016
More results

Similar Description - MCP9700

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22100 AD-AD22100 Datasheet
230Kb / 6P
Voltage Output Temperature Sensor with Signal Conditioning
logo
List of Unclassifed Man...
ATS20 ETC2-ATS20 Datasheet
279Kb / 10P
LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
ATS45C ETC2-ATS45C Datasheet
242Kb / 8P
LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
ATS51 ETC2-ATS51 Datasheet
298Kb / 9P
LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
logo
Analog Devices
AD22100 AD-AD22100_04 Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100STZ AD-AD22100STZ Datasheet
216Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100KTZ AD-AD22100KTZ Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100ATZ AD-AD22100ATZ Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
Voltage Output Temperature Sensor with Signal Conditioning
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com