Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM2A Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # IRPLDIM2A
Description  Digitally Addressable DALI Dimming Ballast Reference Design
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IRPLDIM2A Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button IRPLDIM2A Datasheet HTML 4Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 5Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 6Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 7Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 8Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 9Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 10Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 11Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
www.irf.com
IRPLDIM2a
Isolation and the Signals for DALI
The Digitally Addressable Lighting Interface is optically isolated from the microcontroller. Fig. 7 shows the connec-
tions between DALI and microcontroller.
The two wires from the DALI are converted to four signals. Two of the four are the transmit signal (RB2) and
receive signal (RX_DALI). The other two signals are the communications-enable (RB0) signal and the receive-
drive (RB1) signal. The transmit signal and the receive signal directly correlate to the levels seen on the Digitally
Addressable Lighting Interface. For receiving higher voltage logic on the DALI is translated to 5 volt logic at the
micro controller, and for transmission, the 5 volt logic is translated to the higher voltage logic on the DALI.
The ballast achieves very low power by controlling the communications circuit with the communication-enable
signal and the receive-drive signal. During normal operation the PIC16F628 enables the communication circuitry
with the communication-enable signal. With this signal there is enough current, less than 100uA, to indicate when
data is being sent to the ballast, but not enough current to accurately transfer the data. Upon detection (done by
a S/H built into the PIC16F628) the receive-drive is asserted to raise the current above 500uA to achieve good
signal transfer across the isolation. The receive-drive signal is only enabled long enough to transfer all the data;
then it is disabled (see waveforms in figure 8). This method strongly reduces the power/current use. The com-
parator built into the PIC16F628 is used to set the threshold for detection of the incoming data. The signal RA2 is
used as threshold for the comparator.
+
-
DALI
ENABLE
RB0
TX_DALI
RB2
RECEIVE-DRIVE
RB1
RA1
RA2
RX_DALI
MICRO-CONTROLLER
Fig. 7 DALI and Micro Controller connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com