Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM2A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IRPLDIM2A
Description  Digitally Addressable DALI Dimming Ballast Reference Design
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IRPLDIM2A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IRPLDIM2A Datasheet HTML 1Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 2Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 3Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 4Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 5Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 6Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 7Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 8Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Digitally Addressable DALI Dimming Ballast Reference Design
By
Cecilia Contenti and Tom Ribarich (International Rectifier)
and Ross Fosler (Microchip Technology, Inc.)
FEATURES
•
Lamp Type: 1X 36W T8 Lamp (IRPLDIM2E)
1X 32W T8 Lamp (IRPLDIM2U)
•
Line Input: 185-265 VAC/50 Hz (IRPLDIM2E)
90-140VAC/60Hz (IRPLDIM2U)
•
Interface DALI (2 wires)
•
High Power Factor/ Low THD
•
High Frequency Operation
•
Programmable Lamp Filament Preheating
•
Programmable Ignition
•
High precision Digital Dimming
•
Logarithmic Dimming
•
Diagnostic and fault control
•
Lamp Fault Protection
•
Brownout Protection
•
IR21592 HVIC Ballast Controller
•
PIC16F628 Microcontroller
•
Optically Isolated Communications
•
Low power standby mode
INTRODUCTION
This reference design is a high efficiency, high power factor, digital dimming electronic ballast designed to drive
rapid start fluorescent lamp types. The design contains an active power factor correction circuit for universal
voltage input as well as a ballast control circuit using the IR21592. The design also includes a PIC16F628
microcontroller and an isolation circuit for connecting to a Digitally Addressable Lighting Interface (DALI). Other
features include EMI filtering, transient protection and lamp fault protection.
International Rectifier
• 233 Kansas Street, El Segundo, CA 90245 USA
IRPLDIM2a


Similar Part No. - IRPLDIM2A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLDIM2E IRF-IRPLDIM2E Datasheet
242Kb / 13P
Digital Dimming DALI Ballast for 36W/T8 220V input
IRPLDIM2U IRF-IRPLDIM2U Datasheet
234Kb / 13P
Digital Dimming DALI Ballast for 32W/T8 110V input
More results

Similar Description - IRPLDIM2A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
Dimming Ballast Control IC Design Kit
IRPLDIM2U IRF-IRPLDIM2U Datasheet
234Kb / 13P
Digital Dimming DALI Ballast for 32W/T8 110V input
logo
Fairchild Semiconductor
ABR-42022 FAIRCHILD-ABR-42022 Datasheet
68Kb / 4P
ML4833 220V Non-Dimming Ballast Design
logo
IXYS Corporation
IRPLLNR1 IXYS-IRPLLNR1 Datasheet
790Kb / 15P
POWIRLIGHT REFERENCE DESIGN : LINEAR BALLAST
logo
International Rectifier
IRPLCFL1 IRF-IRPLCFL1 Datasheet
119Kb / 6P
POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
IRPLDIM2E IRF-IRPLDIM2E Datasheet
242Kb / 13P
Digital Dimming DALI Ballast for 36W/T8 220V input
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
Dimming Ballast Controller IC
logo
International Rectifier
IR21592 IRF-IR21592_08 Datasheet
270Kb / 14P
IR21592 Dimming Ballast Control IC Design Kit
IRPLDIM1E IRF-IRPLDIM1E Datasheet
270Kb / 14P
Dimming Ballast Control IC Design Kit
logo
Microchip Technology
AN1465 MICROCHIP-AN1465 Datasheet
788Kb / 14P
Digitally Addressable Lighting Interface (DALI) Communication
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com