Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM2U Datasheet (PDF) - International Rectifier

IRPLDIM2U Datasheet PDF - International Rectifier
Part # IRPLDIM2U
Download  IRPLDIM2U Download
File Size   234.13 Kbytes
Page   13 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Digital Dimming DALI Ballast for 32W/T8 110V input

IRPLDIM2U Datasheet (PDF)

Go To PDF Page Download Datasheet
IRPLDIM2U Datasheet PDF - International Rectifier

Part # IRPLDIM2U
Download  IRPLDIM2U Click to download

File Size   234.13 Kbytes
Page   13 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Digital Dimming DALI Ballast for 32W/T8 110V input

IRPLDIM2U Datasheet (HTML) - International Rectifier


IRPLDIM2U Product details

INTRODUCTION
This reference design is a high efficiency, high power factor, digital dimming electronic ballast designed to drive rapid start fluorescent lamp types. The design contains an active power factor correction circuit for universal voltage input as well as a ballast control circuit using the IR21592. The design also includes a PIC16F628 microcontroller and an isolation circuit for connecting to a Digitally Addressable Lighting Interface (DALI). Other features include EMI filtering, transient protection and lamp fault protection.

FEATURES
• Lamp Type: 1X 32W T8 Lamp
• Line Input: 90-140VAC/60Hz
• Interface DALI (2 wires)
• High Power Factor/ Low THD
• High Frequency Operation
• Programmable Lamp Filament Preheating
• Programmable Ignition
• High precision Digital Dimming
• Logarithmic Dimming
• Diagnostic and fault control
• Lamp Fault Protection
• Brownout Protection
• IR21592 HVIC Ballast Controller
• PIC16F628 Microcontroller
• Optically Isolated Communications
• Low power standby mode




Similar Part No. - IRPLDIM2U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IRPLDIM2A ETC-IRPLDIM2A Datasheet
241Kb / 15P
Digitally Addressable DALI Dimming Ballast Reference Design
logo
International Rectifier
IRPLDIM2E IRF-IRPLDIM2E Datasheet
242Kb / 13P
Digital Dimming DALI Ballast for 36W/T8 220V input
More results


Similar Description - IRPLDIM2U

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4832 MICRO-LINEAR-ML4832 Datasheet
285Kb / 15P
Electronic Dimming Ballast Controller
logo
List of Unclassifed Man...
IRPLDIM2A ETC-IRPLDIM2A Datasheet
241Kb / 15P
Digitally Addressable DALI Dimming Ballast Reference Design
logo
International Rectifier
IRPLDIM2E IRF-IRPLDIM2E Datasheet
242Kb / 13P
Digital Dimming DALI Ballast for 36W/T8 220V input
logo
Princeton Technology Co...
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
Dimming Ballast Controller IC
logo
Coilcraft lnc.
Z9264-B COILCRAFT-Z9264-B Datasheet
51Kb / 1P
Magnetics for IR Dimming Ballast IC
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
Dimming Ballast Controller IC
logo
International Rectifier
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
DIMMING BALLAST CONTROL IC
logo
Molex Electronics Ltd.
130186-0328 MOLEX11-130186-0328 Datasheet
31Kb / 1P
Ballast Cordset 110V 50HZ, 10.67m for PL-13LA
130190-0051 MOLEX11-130190-0051 Datasheet
38Kb / 1P
Ballast 15W T8 120V 50HZ
logo
International Rectifier
IR21592 IRF-IR21592_15 Datasheet
453Kb / 26P
DIMMING BALLAST CONTROL IC
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com