Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM2U Datasheet(PDF) 9 Page - International Rectifier

Part # IRPLDIM2U
Description  Digital Dimming DALI Ballast for 32W/T8 110V input
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM2U Datasheet(HTML) 9 Page - International Rectifier

Back Button IRPLDIM2U Datasheet HTML 5Page - International Rectifier IRPLDIM2U Datasheet HTML 6Page - International Rectifier IRPLDIM2U Datasheet HTML 7Page - International Rectifier IRPLDIM2U Datasheet HTML 8Page - International Rectifier IRPLDIM2U Datasheet HTML 9Page - International Rectifier IRPLDIM2U Datasheet HTML 10Page - International Rectifier IRPLDIM2U Datasheet HTML 11Page - International Rectifier IRPLDIM2U Datasheet HTML 12Page - International Rectifier IRPLDIM2U Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.irf.com
9
IRPLDIM2U
Receive signal
RB1
RB0
Communications-enable
Receive-drive signal
Fig. 8 Dali and Micro-Conttoller signals
Shutdown and Low Power
With shutdown there are some unique power conditions. With the shutdown line low and the lamp ignited, the
PIC16F628 derives its power from the charge pump of the IR21592. The charge pump provides enough current
Fig. 9 Communications signal with the lamp off
Receive signal
RB1
RB0
Communications-enable
Receive-drive signal
SD pin IR21592
LO pin IR21592
for the microcontroller to run at its internal frequency of
4MHz during normal operation. When the shutdown
line is asserted the IR21592 is disabled, and the charge
pump is no longer functioning. Current is drawn directly
from the high voltage DC line through a high value re-
sistor. The micro controller is put to sleep during this
time to minimize current draw and power dissipation.
To receive data, which requires significant current, the
PIC16F628 wakes up and starts the charge pump of
the IR21592 long enough to process the command, typi-
cally less than 25ms, but not long enough to ignite the
lamp (see waveforms in Figure 9). Doing this unique
management minimizes power dissipation during shut-
down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com