Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM2U Datasheet(PDF) 5 Page - International Rectifier

Part # IRPLDIM2U
Description  Digital Dimming DALI Ballast for 32W/T8 110V input
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM2U Datasheet(HTML) 5 Page - International Rectifier

  IRPLDIM2U Datasheet HTML 1Page - International Rectifier IRPLDIM2U Datasheet HTML 2Page - International Rectifier IRPLDIM2U Datasheet HTML 3Page - International Rectifier IRPLDIM2U Datasheet HTML 4Page - International Rectifier IRPLDIM2U Datasheet HTML 5Page - International Rectifier IRPLDIM2U Datasheet HTML 6Page - International Rectifier IRPLDIM2U Datasheet HTML 7Page - International Rectifier IRPLDIM2U Datasheet HTML 8Page - International Rectifier IRPLDIM2U Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.irf.com
5
IRPLDIM2U
BALLAST DESIGN
The ballast design incorporates two parts, hardware and software. The ballast controller design portion incorpo-
rates most of the hardware design. The digital design control portion incorporates most of the software design.
Appendix A shows the complete schematic and Appendix B the Bill of Materials.
The Ballast Controller Design
The design of the Ballast control portion of the circuit has been accomplished in International Rectifier’s Reference
Design IRPLDIM1. Refer to this for waveforms and specific calculations regarding the ballast controller portion of
this design.
Signals of the IR2159
The communication between the microcontroller and the IR21592 is done with four signals, as shown in Fig. 4.
These signals are used for digital dimming (RB3), turning the ballast on or off (RB4), and fault detection (RB5 &
RB6). The microcontroller controls the IR21592 by the following 3 pins: pin SD for shutdown of the IC (active high),
pin FMIN used for fault detection (0 if the IC is
in fault mode) and pin DIM to control the bright-
ness. The microcontroller receives lamp infor-
mation by the signal Lamp-out, connected to
the lamp.
1
2
3
4
5
6
7
8
18
17
16
15
14
13
12
11
RA2
RA3
RA4
RA5
VSS
RB0
RB1
RB2
RB7
VDD
RA6
RA7
RA0
RA1
RB5
RB6
9
10
RB3
RB4
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDC
VCO
CPH
DIM
MAX
MIN
FMIN
IPH
LO
COM
VCC
VB
VS
HO
SD
CS
R25
C17
RDIM
1.25V
2.5V
3.75V
If 0 IC OFF
If 1 IC OK
TURN ON IC
TURN OFF IC
C11
R16
R17
VDD
VSS
Lamp
Out
If 0 Lamp OK
If 1 Lamp Fault
Interfac
e
with
Optos
TR data signal
from the network
to the micro
RX data signal
from the micro
to the network
Fig. 4 Micro/IR21592 Communication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com