Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM2U Datasheet(PDF) 7 Page - International Rectifier

Part # IRPLDIM2U
Description  Digital Dimming DALI Ballast for 32W/T8 110V input
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM2U Datasheet(HTML) 7 Page - International Rectifier

Back Button IRPLDIM2U Datasheet HTML 3Page - International Rectifier IRPLDIM2U Datasheet HTML 4Page - International Rectifier IRPLDIM2U Datasheet HTML 5Page - International Rectifier IRPLDIM2U Datasheet HTML 6Page - International Rectifier IRPLDIM2U Datasheet HTML 7Page - International Rectifier IRPLDIM2U Datasheet HTML 8Page - International Rectifier IRPLDIM2U Datasheet HTML 9Page - International Rectifier IRPLDIM2U Datasheet HTML 10Page - International Rectifier IRPLDIM2U Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.irf.com
7
IRPLDIM2U
Upon entry into the program after setup the microcontroller is held in a loop. While in this loop the microcontroller
is checking for errors, plus it is polling the communications circuitry for incoming data. If valid data is received, it
is filtered to determine if the address matches the defined address for the ballast, if the group matches the defined
group memberships, or if the data is a broadcast command. Also, the type of command is filtered into two basic
choices, standard or special. Once filtered, the program immediately vectors to the appropriate command and
executes. All of the commands are divided into four general categories including arc power control commands,
configuration commands, query commands, and special commands. Within each category the commands are
divided again according to related functions.
The arc power control commands are the most
commonly used in a functioning lighting system.
Within any of these commands appropriate sig-
nals are sent to the ballast controller to adjust
light level via pulse width modulation. This in-
cludes scene level selections. Also many of the
commands in this group select the shutdown bit,
depending on the definition of the command.
Configuration commands are used to setup the
ballast. Examples of such settings include set-
ting minimum and maximum lighting thresholds,
fade times and rates, groups, and scene levels.
Generally data is stored in an EEPROM storage
area where it is maintained regardless of the
power conditions.
Query commands are used to get feedback from
the ballast. All of the settings can be queried.
Even more useful, the status of the ballast is avail-
able. Information about fading, the lamp, general
faults, and power is available through the appro-
priate query command.
Special commands are unique. These com-
mands are immune to addresses; thus all bal-
lasts on the
Digitally Addressable Lighting Interface respond
to a special command. All the functions for find-
ing new ballasts or ballasts that have no ad-
dresses are available. Uploading information to
the ballast, typically settings, is also available in
the special command set.
Fig. 6 Program Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com