Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLDIM2U Datasheet(PDF) 2 Page - International Rectifier

Part # IRPLDIM2U
Description  Digital Dimming DALI Ballast for 32W/T8 110V input
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM2U Datasheet(HTML) 2 Page - International Rectifier

  IRPLDIM2U Datasheet HTML 1Page - International Rectifier IRPLDIM2U Datasheet HTML 2Page - International Rectifier IRPLDIM2U Datasheet HTML 3Page - International Rectifier IRPLDIM2U Datasheet HTML 4Page - International Rectifier IRPLDIM2U Datasheet HTML 5Page - International Rectifier IRPLDIM2U Datasheet HTML 6Page - International Rectifier IRPLDIM2U Datasheet HTML 7Page - International Rectifier IRPLDIM2U Datasheet HTML 8Page - International Rectifier IRPLDIM2U Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
www.irf.com
IRPLDIM2U
Digitally Addressable Lighting Interface (DALI)
The Digital Addressable Lighting Interface (DALI), international standard prlEC929, is a communication protocol
and method to interface lighting units on a 2-wire network. The DALI protocol is 16 bits and supports addressing up
to 64 ballasts individually, 16 groups or broadcasting to the entire lighting network. Aside from the protocol, DALI
supports fading, logarithmic dimming, scenes and fault detection.
The DALI allows for a complete lighting environment to be controlled and managed efficiently. The DALI can control
(transmit and receive) up to 64 different ballasts with the same control system, transmitting instructions to single
ballasts or to a group of ballasts. The ballast provides eye sensitive dimming over a wide range (1-100%). Various
operating parameters can be changed and stored dynamically within the ballast memory. For example, scene
levels can be set for different groups of ballast. Also, maximum brightness, minimum brightness, fade-time and
several other features can be set as desired. Another feature is the ability to diagnose problems such as lamp failures.
Perfect Light Quality
By means of digital control, the light level can be adjusted very precisely according to individual lighting needs. The
DALI includes 256 levels of brightness and a logarithmic dimming curve (Figure 2). The use of this curve allows for
better control at lower light levels where the human eye is more sensitive.
0
15
30
45
60
75
90
105
120
135
150
165
180
195
210
240
255
225
0
10
20
30
40
50
60
70
80
80
100
Dim value
Relative lighting level %
Fig. 2 Dimming Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com