Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US202ALG-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # US202ALG-AF5-R
Description  100m POWER DISTRIBUTION SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US202ALG-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  US202ALG-AF5-R Datasheet HTML 1Page - Unisonic Technologies US202ALG-AF5-R Datasheet HTML 2Page - Unisonic Technologies US202ALG-AF5-R Datasheet HTML 3Page - Unisonic Technologies US202ALG-AF5-R Datasheet HTML 4Page - Unisonic Technologies US202ALG-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
US202/A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-445.F
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
6
V
Chip Enable
VCE
-0.3 ~ 6
V
Power Dissipation (TA = 25°C)
PD
0.25
W
Junction Temperature
TJ
-20 ~ +100
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(VIN = 5V, CIN = COUT = 1μF, TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Input Voltage Range
VIN
2.7
5.5
V
Output NMOSFET RDS(ON)
RDS(ON)
IL=1A
85
100
mΩ
Supply Current
VIN=5V
28
65
µA
Output Turn-On Rising Time
TR
RL= 10Ω, 90% Settling
400
µS
US202
1.1
1.5
2.0
A
Current Limit Threshold
ILIMIT
US202A
2.1
2.5
3.2
A
Short-Circuit Fold Back Current
ISC(FB)
VOUT = 0V, measured prior to
thermal shutdown
1.0
A
EN Input High Threshold
VIH
2.0
V
EN Input Low Threshold
VIL
0.8
V
Shutdown Supply Current
IOFF
EN = “0”
0.1
1.0
µA
Output Leakage Current
II(LEAK)
EN = “0”, VOUT = 0V
0.5
10
µA
VIN Under Voltage Lockout
UVLO
1.2
1.8
V
VIN Under Voltage Hysteresis
100
mV
Thermal Limit
TSD
130
°C
Thermal Limit Hysteresis
∆TSD
20
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com