Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US202ALG-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # US202ALG-AF5-R
Description  100m POWER DISTRIBUTION SWITCHES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

US202ALG-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  US202ALG-AF5-R Datasheet HTML 1Page - Unisonic Technologies US202ALG-AF5-R Datasheet HTML 2Page - Unisonic Technologies US202ALG-AF5-R Datasheet HTML 3Page - Unisonic Technologies US202ALG-AF5-R Datasheet HTML 4Page - Unisonic Technologies US202ALG-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
US202/A
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R502-445.F
100mΩ POWER DISTRIBUTION
SWITCHES
DESCRIPTION
The US202/A is a power distribution switch. It is particularly
suitable for self-powered and bus-powered USB (Universal Series
bus) applications. It has 28μA low quiescent supply current that
meets the requirements of battery-powered portable equipments.
A built-in charge pump is used to drive the N-channel N-MOSFET
that is free of parasitic body diode to eliminate any reversed current
flow across the switch when it is powered off.
The US202/A incorporates some protection circuits such as
current limit and short protection circuits, soft start circuit, thermal
shutdown and UVLO (Under-voltage Lockout) protection circuits.
The thermal shutdown circuits protect this device from damage when
over current occurs, and the soft start circuits are used to prevent
inrush current when plug-in event occurs.
The US202/A can be used in such applications such as
battery-powered equipments, motherboard USB power switches,
USB
device
power
switches,
hot-plug
power
supplies,
battery-charger circuits and so on.
FEATURES
* Input Voltage Varies From 2.7V to 5.5V
* Guaranteed Continuous Current: 1.0A/2.0A
* High-Side NMOSFET: 85mΩ (TYP)
* Soft Start
* Current Limit:1.5A/2.5A
* Thermal Protection
* Low Supply Current: 28μA
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
US202XL-AF5-R
US202XG-AF5-R
SOT-25
Tape Reel
US202AXL-AF5-R
US202AXG-AF5-R
SOT-25
Tape Reel


Similar Part No. - US202ALG-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US202 UTC-US202 Datasheet
210Kb / 7P
100m??POWER DISTRIBUTION SWITCHES
US202 UTC-US202 Datasheet
207Kb / 6P
100m廓 POWER DISTRIBUTION SWITCHES
US2026A UTC-US2026A Datasheet
224Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
US2026A-S08-R UTC-US2026A-S08-R Datasheet
224Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
US2026A-S08-R UTC-US2026A-S08-R Datasheet
229Kb / 11P
DUAL-CHANNEL USB POWER SWITCH
More results

Similar Description - US202ALG-AF5-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
POWER-DISTRIBUTION SWITCHES
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701 Datasheet
306Kb / 12P
100m POWER DISTRIBUTION SWITCHES
RT9701 RICHTEK-RT9701_07 Datasheet
285Kb / 10P
100m廓 Power Distribution Switches
RT9701B RICHTEK-RT9701B Datasheet
269Kb / 11P
100m廓 Power Distribution Switches
logo
Unisonic Technologies
US202 UTC-US202 Datasheet
210Kb / 7P
100m??POWER DISTRIBUTION SWITCHES
US202 UTC-US202_11 Datasheet
207Kb / 6P
100m廓 POWER DISTRIBUTION SWITCHES
logo
Richtek Technology Corp...
RT9701 RICHTEK-RT9701_11 Datasheet
287Kb / 10P
100m廓 Power Distribution Switches
RT9701B RICHTEK-RT9701B_11 Datasheet
272Kb / 11P
100m廓 Power Distribution Switches
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
POWER-DISTRIBUTION SWITCHES
logo
AiT Semiconductor Inc.
A4770 AITSEMI-A4770 Datasheet
588Kb / 6P
POWER SWITCH 100m廓 POWER DISTRIBUTION SWITCHES
REV2.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com