Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB686 Datasheet(PDF) 5 Page - TT Electronics.

Part # OPB686
Description  Photologic Optical Flag Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB686 Datasheet(HTML) 5 Page - TT Electronics.

  OPB686 Datasheet HTML 1Page - TT Electronics. OPB686 Datasheet HTML 2Page - TT Electronics. OPB686 Datasheet HTML 3Page - TT Electronics. OPB686 Datasheet HTML 4Page - TT Electronics. OPB686 Datasheet HTML 5Page - TT Electronics. OPB686 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
VF
Forward Voltage
-
-
1.6
V
IF = 10 mA
IR
Reverse Current
-
-
100
µA
VR = 3 V
®
VCC
Operating DC Supply Voltage
OPB685 Series
OPB695-698A
OPB695-698B
OPB695-698C
4.5
4.5
8.0
13.5
-
5.0
12.0
15.0
16.0
8.0
13.5
16.0
V
ICC
Operating DC Supply Voltage
OPB695-698A/B/C
-
20
30
mA
ICCL
Low Level Supply Current:
Buffered 10k Pull-Up
OPB685
Buffered Open-Collector
OPB686
-
-
5.5
4.0
12
12
mA
VCC = 16 V, IF = 0 mA (no load on output)
Inverted 10k Pull-Up
OPB687
Inverted Open-Collector
OPB688
-
-
6.5
5.0
12
12
mA
VCC = 16 V, IF = 10 mA (no load on out-
put)
ICCH
High Level Supply Current:
Buffered 10k Pull-Up
OPB685
Buffered Open-Collector
OPB686
-
5.0
12
mA
VCC = 16 V, IF = 10 mA (no load on out-
put)
Inverted 10k Pull-Up
OPB687
Inverted Open-Collector
OPB688
-
4.0
12
mA
VCC = 16 V, IF = 0 mA (no load on output)
VOL
Low Level Output Voltage
(1):
Buffered 10k Pull-Up
OPB685
OPB686
Buffered Open-Collector
OPB695
OPB696A/B/C
-
-
-
-
-
-
-
-
0.4
0.4
0.4
0.4
V
VCC = 4.5 V, IOL = 16 mA, IF = 0
VCC = 4.5 V to 8 V, IOL = 16 mA
VCC = 8.5 V to 13 V, IOL = 16 mA
VCC = 13.5 V to 16 V, IOL = 16 mA
Inverted 10k Pull-Up
(2)
OPB685
OPB686
Inverted Open-Collector
OPB695
OPB696A/B/C
-
-
-
-
-
-
-
-
0.4
0.4
0.4
0.4
V
VCC = 4.5 V, IOL = 16 mA, IF = 0
VCC = 4.5 V to 8 V, IOL = 16 mA
VCC = 8.5 V to 13 V, IOL = 16 mA
VCC = 13.5 V to 16 V, IOL = 16 mA
VOH
High Level Output Voltage
(2):
Buffered 10k Pull-Up
VCC
-1.5
-
-
V
IOH = 100 µA, IF = 10 mA
Inverted 10k Pull-Up
(1)
Inverted Open-Collector
VCC
-1.5
-
-
V
IOH = 100 µA, IF = 0 mA
High Level Output Voltage
(2):
Buffered Open-Collector
OPB686
OPB696A
OPB696B
OPB696C
-
-
-
-
-
-
-
-
100
100
100
100
µA
VCC = 16 V, IF = 10 mA, VCH = 30 V
VCC = 4.5 V to 8 V, VOH = 30 V
VCC = 8.5 V to 13 V, VOH = 30 V
VCC = 13.5 V to 16 V, VOH = 30 V
IOH
Inverted 10k Pull-Up
(1)
OPB688
OPB698A
OPB698B
OPB698C
-
-
-
-
-
-
-
-
100
100
100
100
µA
VCC = 16 V, IF = 10 mA, VCH = 30 V
(1)
VCC = 4.5 V to 8 V, VOH = 30 V
(1)
VCC = 8.5 V to 13 V, VOH = 30 V
(1)
VCC = 13.5 V to 16 V, VOH = 30 V
(1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com