Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB686 Datasheet(PDF) 6 Page - TT Electronics.

Part # OPB686
Description  Photologic Optical Flag Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB686 Datasheet(HTML) 6 Page - TT Electronics.

  OPB686 Datasheet HTML 1Page - TT Electronics. OPB686 Datasheet HTML 2Page - TT Electronics. OPB686 Datasheet HTML 3Page - TT Electronics. OPB686 Datasheet HTML 4Page - TT Electronics. OPB686 Datasheet HTML 5Page - TT Electronics. OPB686 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
®
IF(+)
LED Positive-Going Threshold Current
OPB685-688
0.1
1.8
10
mA
VCC = 5 V
IF(+)/IF(-)
Hysteresis
OPB685/688
1.0
1.2
1.6
mA
VCC = 5 V
trtf
Rise Time, Fall Time
-
30
-
ns
VCC = 5 V, IF = 0 or 10 mA
RL = 300 Ω, DC = 50%
f = 10 kHz
tPLHtPHL
Propagation Delay Low-High & High-Low:
Buffer, 10k Pull-Up
OPB685
Buffer, Open-Collector
OPB686
-
-
1 (LH)
2 (HL)
-
-
µs
µs
Inverter, 10k Pull-Up
OPB687
Inverter, Open-Collector
OPB688
-
-
2 (LH)
1( HL)
-
-
µs
µs
Notes:
(1) Test requires lever arm in “blocked” position.
(2) Test requires lever arm in “unblocked” position



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com