Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4211STRT Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4211STRT
Description  Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4211STRT Datasheet(HTML) 3 Page - Semtech Corporation

  SC4211STRT Datasheet HTML 1Page - Semtech Corporation SC4211STRT Datasheet HTML 2Page - Semtech Corporation SC4211STRT Datasheet HTML 3Page - Semtech Corporation SC4211STRT Datasheet HTML 4Page - Semtech Corporation SC4211STRT Datasheet HTML 5Page - Semtech Corporation SC4211STRT Datasheet HTML 6Page - Semtech Corporation SC4211STRT Datasheet HTML 7Page - Semtech Corporation SC4211STRT Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
 2004 Semtech Corp.
www.semtech.com
SC4211
POWER MANAGEMENT
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
)
.
t
n
o
C
(
O
V
e
g
a
tl
o
V
t
u
o
p
o
r
D
)
2
(
)
1
(
I
O
A
1
=0
0
20
0
4V
m
0
0
5
t
n
e
r
r
u
C
d
a
o
L
m
u
m
i
n
i
M
)
3
(
I
O
V
N
I
V
=
O
V
5
.
0
+
1
A
m
ti
m
i
L
t
n
e
r
r
u
C
)
4
(
I
L
C
1
.
1
5
.
1A
k
c
a
b
d
e
e
F
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
)
1
(
V
F
E
R
V
N
I
V
,
V
3
.
3
=
B
F
V
=
T
U
O
I
,
O
A
m
0
1
=5
9
4
.
05
.
05
0
5
.
0V
I
ll
u
F
T
U
O
V
d
n
a
,
N
I
e
g
n
a
R
5
8
4
.
05
1
5
.
0
t
n
e
r
r
u
C
n
i
P
k
c
a
b
d
e
e
F
)
4
(
I
J
D
A
V
B
F
V
=
F
E
R
0
8
0
0
2
A
n
N
E
t
n
e
r
r
u
C
n
i
P
e
l
b
a
n
EI
N
E
V
N
E
V
,
V
0
=
N
I
V
3
.
3
=5
.
1
0
1
A
µ
d
l
o
h
s
e
r
h
T
n
i
P
e
l
b
a
n
EV
H
I
V
N
I
V
3
.
3
=
6
.
1
V
V
L
I
V
N
I
V
3
.
3
=
4
.
0
n
o
i
t
c
e
t
o
r
P
e
r
u
t
a
r
e
p
m
e
T
r
e
v
O
l
e
v
e
l
p
ir
T
h
g
i
HT
I
H
0
6
1C
°
s
i
s
e
r
e
t
s
y
HT
T
S
Y
H
0
1C
°
Notes:
(1)
Low duty cycle pulse testing with Kelvin connections required.
(2)
Defined as the input to output differential at which the output voltage drops to 1.5% below the value measured at a
differential of 0.5V.
(3)
Required to maintain regulation. Voltage set resistors R1 and R2 are usually utilized to meet this requirement.
(4)
Guaranteed by design.
Unless specified: V
EN = VIN, VFB = VO, VIN = 1.40V to 5.5V, VIN = (VO + 0.5V) to 5.5V and IO = 1mA to 1A.
Values in bold apply over the full operating temperature range.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com