Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4211STRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4211STRT
Description  Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4211STRT Datasheet(HTML) 1 Page - Semtech Corporation

  SC4211STRT Datasheet HTML 1Page - Semtech Corporation SC4211STRT Datasheet HTML 2Page - Semtech Corporation SC4211STRT Datasheet HTML 3Page - Semtech Corporation SC4211STRT Datasheet HTML 4Page - Semtech Corporation SC4211STRT Datasheet HTML 5Page - Semtech Corporation SC4211STRT Datasheet HTML 6Page - Semtech Corporation SC4211STRT Datasheet HTML 7Page - Semtech Corporation SC4211STRT Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
www.semtech.com
SC4211
Very Low Input /Very Low Dropout
1 Amp Regulator With Enable
POWER MANAGEMENT
POWER MANAGEMENT
ENABLE
C1
R2
VIN
R1
U1
SC4211
4
3
2
8
1
5
6
7
NC
VIN
EN
GND
NC
NC
VO
FB
VO
C2
Revision October 18, 2004
The SC4211 is a high performance positive voltage
regulator designed for use in applications requiring very
low Input voltage and very low dropout voltage at up to 1
amp. It operates with a Vin as low as 1.4V, with output
voltage programmable as low as 0.5V. The SC4211 fea-
tures ultra low dropout, ideal for applications where Vout
is very close to Vin. Additionally, the SC4211 has an en-
able pin to further reduce power dissipation while shut-
down. The SC4211 provides excellent regulation over varia-
tions in line, load and temperature.
The SC4211 is available in the SOIC-8EDP (Exposed Die
Pad) package. The output voltage can be set via an exter-
nal divider or to 0.5V depending on how the FB pin is con-
figured.
Input Voltage as low as 1.4V
250mV dropout @ 1A
Adjustable output from 0.5V to 3.3V
Over current and over temperature protection
Enable pin
10µA quiescent current in shutdown
Low reverse leakage (output to input)
Full industrial temperature range
Available in SOIC-8EDP package
Telecom/Networking cards
Motherboards/Peripheral cards
Industrial Applications
Wireless infrastructure
Set top boxes
Medical equipment
Notebook computers
Battery powered systems
Volts
R2
R2)
(R1
0.5
VO
+
=
Description
Features
Applications
Typical Application Circuits
C2
U1
4
3
2
8
1
5
6
7
NC
VIN
EN
GND
NC
NC
VO
FB
VO = 0.5V
VIN
C1
ENABLE
SC4211


Similar Part No. - SC4211STRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4211STRT SEMTECH-SC4211STRT Datasheet
223Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211STRT SEMTECH-SC4211STRT Datasheet
228Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
More results

Similar Description - SC4211STRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4215A SEMTECH-SC4215A Datasheet
182Kb / 8P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_07 Datasheet
224Kb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215 SEMTECH-SC4215_06 Datasheet
213Kb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_06 Datasheet
223Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4217 SEMTECH-SC4217 Datasheet
355Kb / 11P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4215H SEMTECH-SC4215H Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4216 SEMTECH-SC4216_09 Datasheet
1Mb / 9P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4217 SEMTECH-SC4217_09 Datasheet
357Kb / 11P
Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4211H SEMTECH-SC4211H Datasheet
405Kb / 9P
Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com