Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4215AEVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4215AEVB
Description  Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4215AEVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC4215AEVB Datasheet HTML 1Page - Semtech Corporation SC4215AEVB Datasheet HTML 2Page - Semtech Corporation SC4215AEVB Datasheet HTML 3Page - Semtech Corporation SC4215AEVB Datasheet HTML 4Page - Semtech Corporation SC4215AEVB Datasheet HTML 5Page - Semtech Corporation SC4215AEVB Datasheet HTML 6Page - Semtech Corporation SC4215AEVB Datasheet HTML 7Page - Semtech Corporation SC4215AEVB Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
 2005 Semtech Corp.
www.semtech.com
SC4215A
POWER MANAGEMENT
e
m
a
N
n
i
Pn
o
i
t
p
i
r
c
s
e
D
n
i
P
B
F
o
V
e
h
t
o
t
d
e
t
c
e
n
n
o
c
fI
.
V
0
.
1
o
t
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
s
t
e
s
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
l
a
n
r
e
t
n
i
n
a
,
d
e
d
n
u
o
r
g
s
i
n
i
p
s
i
h
t
n
e
h
W
e
b
ll
i
w
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
,
d
e
s
u
e
r
a
s
r
o
t
s
i
s
e
r
k
c
a
b
d
e
e
f
l
a
n
r
e
t
x
e
fI
.
V
5
.
0
t
a
t
e
s
e
b
ll
i
w
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
,
n
i
p
:
)
1
e
g
a
p
n
o
s
ti
u
c
r
i
C
n
o
it
a
c
il
p
p
A
e
e
S
(
N
E
f
o
n
o
it
c
a
r
f
a
o
t
t
n
e
r
r
u
c
t
n
e
c
s
e
i
u
q
e
h
t
g
n
i
c
u
d
e
r
,f
f
o
r
o
t
a
l
u
g
e
r
e
h
t
s
n
r
u
t
V
4
.
0
w
o
l
e
b
n
i
p
s
i
h
t
g
n
il
l
u
P
.t
u
p
n
I
e
l
b
a
n
E
n
i
n
i
p
N
I
V
e
h
t
o
t
n
i
p
s
i
h
t
m
o
r
f
d
e
t
c
e
n
n
o
c
e
b
d
l
u
o
h
s
s
m
h
O
k
0
0
4
o
t
p
u
r
o
t
s
i
s
e
r
p
u
ll
u
p
A
.
e
u
l
a
v
g
n
it
a
r
e
p
o
s
ti
n
a
h
t
s
e
g
a
tl
o
v
r
e
h
g
i
h
h
ti
w
s
n
o
it
a
c
il
p
p
a
r
o
F
.
d
e
r
i
u
q
e
r
s
i
V
9
.
1
<
n
i
V
<
V
4
.
1
f
o
s
e
g
a
tl
o
v
y
l
p
p
u
s
e
r
e
h
w
n
o
it
a
c
il
p
p
a
.
N
I
V
o
t
d
e
t
c
e
n
n
o
c
r
o
n
e
p
o
tf
e
l
e
b
d
l
u
o
c
n
i
p
N
E
,
V
9
.
1
D
N
G
.
n
i
p
C
I
e
h
t
t
a
r
e
h
t
e
g
o
t
d
e
t
c
e
n
n
o
c
e
b
t
s
u
m
d
a
p
e
i
d
d
e
s
o
p
x
e
e
h
t
d
n
a
n
i
p
D
N
G
e
h
T
:
e
t
o
N
.
d
n
u
o
r
g
e
c
n
e
r
e
f
e
R
.
g
n
i
k
n
i
s
t
a
e
h
r
o
f
e
c
i
v
e
d
e
h
t
n
o
d
a
p
e
i
d
d
e
s
o
p
x
e
e
h
t
e
s
U
N
I
V
m
u
m
i
n
i
M
.
V
5
.
5
d
n
a
)
V
5
.
0
+
O
V
(
n
e
e
w
t
e
b
e
b
t
s
u
m
n
i
p
s
i
h
t
o
t
t
u
p
n
i
e
h
t
,
d
a
o
l
ll
u
f
t
a
n
o
it
a
l
u
g
e
r
r
o
F
.
e
g
a
tl
o
v
t
u
p
n
I
s
e
o
d
y
l
p
p
u
s
t
u
p
n
i
e
h
t
t
a
h
t
e
r
u
s
n
e
o
t
n
i
p
s
i
h
t
o
t
y
l
e
s
o
l
c
d
e
c
a
l
p
e
b
d
l
u
o
h
s
e
c
n
a
ti
c
a
p
a
c
k
l
u
b
e
g
r
a
l
A
.
V
4
.
1
=
N
I
V
.
n
i
p
s
i
h
t
t
a
y
lt
c
e
r
i
d
d
e
c
a
l
p
e
b
d
l
u
o
h
s
r
o
ti
c
a
p
a
c
c
i
m
a
r
e
c
F
u
7
.
4
f
o
m
u
m
i
n
i
m
a
o
s
l
A
.
V
4
.
1
w
o
l
e
b
g
a
s
t
o
n
O
V
t
a
y
lt
c
e
r
i
d
d
e
c
a
l
p
e
b
d
l
u
o
h
s
r
o
ti
c
a
p
a
c
c
i
m
a
r
e
c
F
u
0
1
f
o
m
u
m
i
n
i
m
A
.
e
c
i
v
e
d
e
h
t
f
o
t
u
p
t
u
o
r
e
w
o
p
e
h
t
s
i
n
i
p
e
h
T
.
n
i
p
s
i
h
t
C
N
.
g
n
it
a
o
lf
tf
e
l
e
b
n
a
c
d
n
a
s
n
i
p
n
o
it
c
e
n
n
o
c
o
n
e
r
a
C
N
s
a
d
e
l
e
b
a
l
s
n
i
p
ll
A
Pin Descriptions
Pin Configuration
Ordering Information
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
PT
(
e
g
n
a
R
.
p
m
e
T
A)
T
R
T
S
A
5
1
2
4
C
S
)
3
(
)
2
(
)
1
(
P
D
E
8
-
C
I
O
S5
8
+
o
t
0
4
-
O
C
B
V
E
A
5
1
2
4
C
Sd
r
a
o
B
n
o
it
a
u
l
a
v
E
Note:
(1) Available voltage is : 0.5V(FB=VO), 1.0V(FB=GND) or Output
voltage can be adjusted using external resistors, see Pin
Descriptions.
(2) Only available in tape and reel packaging 2500 devices for the
SOIC-8EDP package.
(3) Lead free product. This product is fully WEEE and RoHS compliant.
Top View
SOIC-8EDP
VIN
NC
NC
NC
EN
VO
FB
GND
1
2
3
4
EN
NC
5
6
7
8
NC
FB
VO
VIN
NC
GND
GND
Exposed
Die Pad
Bottom View
SOIC-8EDP
Volts
R2
R2)
(R1
0.5
VO
+
=



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com