Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4215AEVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4215AEVB
Description  Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4215AEVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC4215AEVB Datasheet HTML 1Page - Semtech Corporation SC4215AEVB Datasheet HTML 2Page - Semtech Corporation SC4215AEVB Datasheet HTML 3Page - Semtech Corporation SC4215AEVB Datasheet HTML 4Page - Semtech Corporation SC4215AEVB Datasheet HTML 5Page - Semtech Corporation SC4215AEVB Datasheet HTML 6Page - Semtech Corporation SC4215AEVB Datasheet HTML 7Page - Semtech Corporation SC4215AEVB Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
 2005 Semtech Corp.
www.semtech.com
SC4215A
POWER MANAGEMENT
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
N
I
V
e
g
n
a
R
e
g
a
tl
o
V
y
l
p
p
u
SV
N
I
0
4
.
15
.
5
V
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QI
Q
V
N
I
I
,
V
3
.
3
=
T
U
O
A
0
=
3
A
m
V
N
I
V
,
V
5
.
5
=
N
E
V
0
=0
1
0
5
A
µ
O
V
e
g
a
tl
o
V
t
u
p
t
u
O
)
1
(
V
O
V
N
I
V
=
O
I
,
V
5
.
0
+
T
U
O
A
m
0
1
=%
5
.
1
-V
O
%
5
.
1
+V
)
e
g
a
tl
o
V
d
e
x
i
F
l
a
n
r
e
t
n
I
(
%
3
-%
3
+
n
o
it
a
l
u
g
e
R
e
n
i
L
)
1
(
G
E
R
)
E
N
I
L
(
V
N
I
V
(
=
O
V
,
)
V
5
.
0
+
N
I
I
,
V
3
.
3
<
T
U
O
A
m
0
1
=7
.
0
1
%
V
N
I
V
(
=
O
V
,
)
V
5
.
0
+
N
I
I
,
V
3
.
3
>
T
U
O
A
m
0
1
=5
.
0
5
.
1
%
n
o
it
a
l
u
g
e
R
d
a
o
L
)
1
(
G
E
R
)
D
A
O
L
(
V
N
I
V
(
=
O
I
,
)
V
5
.
0
+
T
U
O
A
1
o
t
A
m
0
1
=5
.
0
5
.
1
%
Note: (1) 2 square inch of FR-4, double sided, 1 oz. minimum copper weight.
Absolute Maximum Ratings
Electrical Characteristics
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in
the Electrical Characteristics section is not implied.
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Sx
a
Ms
t
i
n
U
e
g
a
tl
o
V
e
t
u
l
o
s
b
A
B
F
,
o
V
,
N
E
,
n
i
V
6V
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
P
D
d
e
ti
m
i
L
y
ll
a
n
r
e
t
n
IW
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
P
D
E
8
-
C
I
O
S
)
1
(
θ
A
J
6
3W
/
C
°
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
P
D
E
8
-
C
I
O
S
)
1
(
θ
C
J
5
.
5W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
O
T
A
5
8
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
T
J
0
5
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
T
G
T
S
0
5
1
+
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
L
T
D
A
E
L
0
0
3C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
E
V
D
S
E
2V
k
Unless specified: V
EN = VIN, VFB = VO, VIN = 1.40V to 5.5V, VIN = (VO + 0.5V) to 5.5V and IO = 1mA to 1A.
Values in bold apply over the full operating temperature range.
Notes:
(1)
Low duty cycle pulse testing with Kelvin connections required.
(2)
Defined as the input to output differential at which the output voltage drops to 1.5% below the value measured at a
differential of 0.5V.
(3)
Required to maintain regulation. Voltage set resistors R1 and R2 are usually utilized to meet this requirement.
(4)
Guaranteed by design.
(5)
When V
FB exceeds this threshold, the “Sense Select” switch disconnects the internal feedback chain from the error
amplifier and connects V
FB instead.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com