Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0976E Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV0976E
Description  1.0 Megapixel SMIA Processor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0976E Datasheet(HTML) 1 Page - STMicroelectronics

  STV0976E Datasheet HTML 1Page - STMicroelectronics STV0976E Datasheet HTML 2Page - STMicroelectronics STV0976E Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
DATA BRIEF
October 2004
STV0976
1.0 Megapixel SMIA Processor
Rev. 1
FEATURES
■ Supports the VS6650 1.0 Megapixel (1152H x
864V) and the VS6590 SVGA (800H x 600V)
camera modules
■ SMIA
1 class 0 (208 Mbit/s) sensor interface
■ Up to 30 frame per second (fps) operation at
SVGA or 15 fps at 1.0 Megapixel
■ Dedicated digital image processing functions
including defect correction, noise filtering, lens
shading correction, demosaicing, sharpening,
gamma correction and color space conversion
■ Embedded camera controller for automatic
exposure control, automatic white balance,
black level compensation, 50/60 Hz flicker
detection and elimination
■ Fine image downscaler, 13 steps of 0.5 from 1x
to 7x, 5 steps of 1.0 from 7x to 12x, maximum
CIF output image size
■ ITU-R BT.656-4 YUV (YCbCr) 4:2:2, RGB 565,
RGB 444 or JPEG output formats with
embedded syncs
■ JPEG compression with programmable target
file size
■ SMIA Class 0 (208 Mbit/s) host interface
■ 8-bit parallel video interface with separate
horizontal and vertical syncs, 24 MHz clock
■ Two-wire control interface (CCI)
■ Single 1.8 V power supply
■ 15 µW standby power consumption
■ TFBGA 56, 6mm x 6mm AFOP leadfree
package
■ Pin compatible with the STV0974 processor
DESCRIPTION
The STV0976 is a low power digital image proces-
sor supporting the VS6650 1.0 Megapixel SMIA
camera module at up to 15 fps, or the VS6590
SVGA camera module at up to 30 fps.
The STV0976 performs all the necessary opera-
tions required to capture state-of-the-art megapix-
el images, including JPEG compression and
viewfinder generation, in a small footprint and low
power budget. With both video input and output
being SMIA-class 0, hardware acceleration in
SMIA architecture achieves leading edge-mobile-
imaging capabilities.
APPLICATIONS
■ Mobile phone
■ PDA
■ Wireless security camera
PART NUMBERING
1.Standard Mobile Imaging Architecture
visit www.smia-forum.org
Part Number
Description
STV0976E
TFBGA 56 AFOP lead-free,
tray packing
STV0976E/TR
TFBGA 56 AFOP lead-free,
13 inch tape-and-reel packing


Similar Part No. - STV0976E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0974 STMICROELECTRONICS-STV0974 Datasheet
774Kb / 69P
Mobile Imaging DSP
STV0974E STMICROELECTRONICS-STV0974E Datasheet
774Kb / 69P
Mobile Imaging DSP
STV0974ETR STMICROELECTRONICS-STV0974ETR Datasheet
774Kb / 69P
Mobile Imaging DSP
STV0974TR STMICROELECTRONICS-STV0974TR Datasheet
774Kb / 69P
Mobile Imaging DSP
More results

Similar Description - STV0976E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VS6750 STMICROELECTRONICS-VS6750 Datasheet
48Kb / 3P
2 Megapixel SMIA Camera Module
21-Sep-2005
VS6650 STMICROELECTRONICS-VS6650 Datasheet
54Kb / 3P
1.0 Megapixel SMIA Camera Module
Oct-2004
STV0984 STMICROELECTRONICS-STV0984 Datasheet
39Kb / 3P
2 MegaPixel SMIA Profile 2 Mobile Imaging Processor
05-Sep-2005
STV0986 STMICROELECTRONICS-STV0986 Datasheet
67Kb / 4P
5 Megapixel mobile imaging processor
08-Jan-2007
STV0984 STMICROELECTRONICS-STV0984_07 Datasheet
63Kb / 5P
2 Megapixel SMIA profile 2 mobile imaging processor
04-Dec-2007
logo
Texas Instruments
DRA75P TI1-DRA75P Datasheet
6Mb / 481P
Infotainment Applications Processor Silicon Revision 1.0
DRA77P TI1-DRA77P Datasheet
5Mb / 476P
Infotainment Applications Processor Silicon Revision 1.0
logo
OmniVision Technologies...
OV20381 OMNIVISION-OV20381 Datasheet
691Kb / 2P
20-Megapixel Second-Generation 1.0-Micron PureCel짰Plus-S Sensor for Smartphones
OV20880 OMNIVISION-OV20880 Datasheet
748Kb / 2P
20-Megapixel Second-Generation 1.0-Micron PureCel짰Plus-S Sensor for Smartphones
logo
Texas Instruments
DRA77P TI1-DRA77P_19 Datasheet
6Mb / 485P
Infotainment Applications Processor Silicon Revision 1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com