Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0976E Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV0976E
Description  1.0 Megapixel SMIA Processor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0976E Datasheet(HTML) 2 Page - STMicroelectronics

  STV0976E Datasheet HTML 1Page - STMicroelectronics STV0976E Datasheet HTML 2Page - STMicroelectronics STV0976E Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STV0976
2/3
APPLICATION DIAGRAM
BLOCK DIAGRAM
TECHNICAL SPECIFICATIONS
TEMPERATURE RANGES
EXTCLK
XSHUTDOWN
CCP 1.0
VS6650
Camera
CCI
Baseband
or
Application
Processor
Module
STV0976
1.0 Megapixel
SMIA
Processor
or
VS6590
SMIA
MSCL
MSDA
PCLKP
PCLKN
PDATAP
PDATAN
RST_IN
CLK
SSCL
SSDA
JTAG & Test Interface
CCP
Receiver
STV0976
I2C
slave
Internal bus
I2C
Master
CCP
Transmitter
HCLKP
HCLKN
HDATAP
HDATAN
VDD_POR
Clock &
Power
Mgmt
RAM, ROM,
µprocessor
TMS, TCK,
TDI, TDO
Sensor support
VS6650 1.0MP SMIA
VS6590 480kP
Frame rate
1 to 15 Hz (1152H x 864V)
1 to 30 Hz (800H x 600V)
Gamma correction
Standard, S-curve
Image Crop
Arbitrary size
Image Downscale
x1 to x7 in 0.5 steps
x7 to x12 in 1.0 steps
Image Compression
JPEG on YUV 4:2:2,
programmable quantization
tables
Output Format
YUV 4:2:2
RGB 565, RGB 444
JPEG
Video Output Interface
SMIA class 0 high-speed
serial
208Mbit/s data/clock
1.8 V LVDS
Video Output Interface
(2)
8-bit parallel video
HSYNC/VSYNC/PCLK
24 MHz max
Clock input
6.5 to 27 MHz square
13 MHz typ.
Supply voltage
1.8 V ± 0.1 V digital
I/O voltage
1.8 V CMOS levels
Power consumption
Streaming 15 fps: 85 mW
max
Power down: 60 µW max.
Package type
TFBGA 56 AFOP lead-free
STV0974 compatible
Package size (mm)
6 x 6 x 1.2 (wlh)
Storage
-40 to +85 °C
Operating
-25 to +70 °C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com