Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS341 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS341
Description  FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS341 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS341 Datasheet HTML 1Page - Integrated Device Technology ICS341 Datasheet HTML 2Page - Integrated Device Technology ICS341 Datasheet HTML 3Page - Integrated Device Technology ICS341 Datasheet HTML 4Page - Integrated Device Technology ICS341 Datasheet HTML 5Page - Integrated Device Technology ICS341 Datasheet HTML 6Page - Integrated Device Technology ICS341 Datasheet HTML 7Page - Integrated Device Technology ICS341 Datasheet HTML 8Page - Integrated Device Technology ICS341 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ICS341
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
EPROM CLOCK SYNTHESIZER
IDT® / ICS™ FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
4
ICS341
REV N 072816
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS341. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
Parameter
Condition
Min.
Typ.
Max.
Units
Supply Voltage, VDD
Referenced to GND
-0.5
7
V
Inputs
Referenced to GND
-0.5
VDD+ 0.5
V
Clock Outputs
Referenced to GND
-0.5
VDD+ 0.5
V
Storage Temperature
-65
150
C
Soldering Temperature
Max 10 seconds
260
C
Junction Temperature
125
C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (ICS341M)
0
+70
C
Ambient Operating Temperature (ICS341MI)
-40
+85
C
Power Supply Voltage (measured in respect to GND)
+3.15
+3.3
+3.45
V
Power Supply Ramp Time
4
ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com