Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS341 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS341
Description  FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS341 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS341 Datasheet HTML 1Page - Integrated Device Technology ICS341 Datasheet HTML 2Page - Integrated Device Technology ICS341 Datasheet HTML 3Page - Integrated Device Technology ICS341 Datasheet HTML 4Page - Integrated Device Technology ICS341 Datasheet HTML 5Page - Integrated Device Technology ICS341 Datasheet HTML 6Page - Integrated Device Technology ICS341 Datasheet HTML 7Page - Integrated Device Technology ICS341 Datasheet HTML 8Page - Integrated Device Technology ICS341 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATASHEET
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
I CS3 4 1
IDT® / ICS™ FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
1
ICS341
REV N 072816
Description
The ICS341 is a low cost, single-output, field programmable
clock synthesizer. The ICS341 can generate an output
frequency from 250 kHz to 200 MHz and may employ
Spread Spectrum techniques to reduce system
electro-magnetic interference (EMI).
Using IDT’s VersaClock™software to configure the PLL and
output, the ICS341 contains a One-Time Programmable
(OTP) ROM to allow field programmability. Programming
features include 4 selectable configuration registers.
The device employs Phase-Locked Loop (PLL) techniques
to run from a standard fundamental mode, inexpensive
crystal, or clock. It can replace multiple crystals and
oscillators, saving board space and cost.
The device also has a power-down feature that tri-states the
clock outputs and turns off the PLLs when the PDTS pin is
taken low.
The ICS341 is also available in factory programmed custom
versions for high-volume applications.
Features
• 8-pin SOIC package (Pb-free)
• Highly accurate frequency generation
• M/N Multiplier PLL: M = 1...2048, N = 1...1024
• Output clock frequencies up to 200 MHz
• Four ROM locations for frequency and spread selection
• Spread spectrum capability for lower system EMI
• Center or Down Spread up to 4% total
• Selectable 32 kHz or 120 kHz modulation
• Input crystal frequency from 5 to 27 MHz
• Input clock frequency from 2 to 50 MHz
• Operating voltage of 3.3 V
• Advanced, low-power CMOS process
• For two output clocks, use the ICS342. For three output
clocks, see the ICS343. For more than three outputs, see
the ICS345 or ICS348.
Block Diagram
Crystal
Oscillator
PLL Clock Synthesis,
Spred Spectrum and
Control Circuitry
CLK
PDTS (output and PLL)
OTP ROM
with PLL
Divider
Values
S1:0
2
VDD
GND
X2
Crystal or
clock input
External capacitors are
required with a crystal input.
X1/ICLK


Similar Part No. - ICS341

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS341 ICST-ICS341 Datasheet
152Kb / 7P
Field Programmable SS VersaClock Synthesizer
Revision 090704
ICS341MIP ICST-ICS341MIP Datasheet
152Kb / 7P
Field Programmable SS VersaClock Synthesizer
Revision 090704
ICS341MLF ICST-ICS341MLF Datasheet
152Kb / 7P
Field Programmable SS VersaClock Synthesizer
Revision 090704
ICS341MP ICST-ICS341MP Datasheet
152Kb / 7P
Field Programmable SS VersaClock Synthesizer
Revision 090704
More results

Similar Description - ICS341

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS343 ICST-ICS343 Datasheet
149Kb / 7P
Field Programmable Triple Output SS VersaClock Synthesizer
Revision 090704
ICS342 ICST-ICS342 Datasheet
151Kb / 7P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
Revision 090704
ICS341 ICST-ICS341 Datasheet
152Kb / 7P
Field Programmable SS VersaClock Synthesizer
Revision 090704
ICS252 ICST-ICS252 Datasheet
153Kb / 9P
Field Programmable Dual Output SS VersaClock Synthesizer
Revision 011606
logo
Integrated Device Techn...
ICS252 IDT-ICS252 Datasheet
210Kb / 11P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS251 IDT-ICS251 Datasheet
216Kb / 10P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS251 IDT-ICS251_99 Datasheet
90Kb / 10P
Field Programmable SS VersaClock Synthesizer
ICS252 IDT-ICS252_12 Datasheet
115Kb / 10P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS342 IDT-ICS342 Datasheet
128Kb / 9P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS345 IDT-ICS345_13 Datasheet
130Kb / 9P
TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com