Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS341 Datasheet (PDF) - Integrated Circuit Systems

ICS341 Datasheet PDF - Integrated Circuit Systems
Part # ICS341
Download  ICS341 Download
File Size   152.08 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Field Programmable SS VersaClock Synthesizer

ICS341 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS341 Datasheet PDF - Integrated Circuit Systems

Part # ICS341
Download  ICS341 Click to download

File Size   152.08 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Field Programmable SS VersaClock Synthesizer

ICS341 Datasheet (HTML) - Integrated Circuit Systems


ICS341 Product details

Description
The ICS341 is a low cost, single-output, field programmable clock synthesizer. The ICS341 can generate an output frequency from 250 kHz to 200 MHz and may employ Spread Spectrum techniques to reduce system electro-magnetic interference (EMI).

Features
• 8-pin SOIC package
• Highly accurate frequency generation
    • M/N Multiplier PLL: M = 1...2048, N = 1...1024
• Output clock frequencies up to 200 MHz
• Four ROM locations for frequency and spread selection
• Spread spectrum capability for lower system EMI
    • Center or Down Spread up to 4% total
    • Selectable 32 kHz or 120 kHz modulation
• Input crystal frequency from 5 to 27 MHz
• Input clock frequency from 2 to 50 MHz
• Operating voltage of 3.3 V
• Advanced, low-power CMOS process
• For two output clocks, use the ICS342. For three output clocks, see the ICS343. For more than three outputs, see the ICS345 or ICS348.
• Available in Pb (lead) free packaging




Similar Part No. - ICS341

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS341 IDT-ICS341 Datasheet
114Kb / 9P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
More results


Similar Description - ICS341

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS343 ICST-ICS343 Datasheet
149Kb / 7P
Field Programmable Triple Output SS VersaClock Synthesizer
Revision 090704
ICS342 ICST-ICS342 Datasheet
151Kb / 7P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
Revision 090704
ICS252 ICST-ICS252 Datasheet
153Kb / 9P
Field Programmable Dual Output SS VersaClock Synthesizer
Revision 011606
logo
Integrated Device Techn...
ICS252 IDT-ICS252 Datasheet
210Kb / 11P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS251 IDT-ICS251 Datasheet
216Kb / 10P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS251 IDT-ICS251_99 Datasheet
90Kb / 10P
Field Programmable SS VersaClock Synthesizer
ICS252 IDT-ICS252_12 Datasheet
115Kb / 10P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS341 IDT-ICS341 Datasheet
114Kb / 9P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS342 IDT-ICS342 Datasheet
128Kb / 9P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS345 IDT-ICS345_13 Datasheet
130Kb / 9P
TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com