Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS341 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS341
Description  Field Programmable SS VersaClock Synthesizer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS341 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS341 Datasheet HTML 1Page - Integrated Circuit Systems ICS341 Datasheet HTML 2Page - Integrated Circuit Systems ICS341 Datasheet HTML 3Page - Integrated Circuit Systems ICS341 Datasheet HTML 4Page - Integrated Circuit Systems ICS341 Datasheet HTML 5Page - Integrated Circuit Systems ICS341 Datasheet HTML 6Page - Integrated Circuit Systems ICS341 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Field Programmable SS VersaClock Synthesizer
MDS 341 E
4
Revision 090704
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS341
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS341. These ratings, which
are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the
device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3V ±5%, Ambient Temperature -40 to +85
°C
Parameter
Condition
Min.
Typ.
Max.
Units
Supply Voltage, VDD
Referenced to GND
-0.5
7
V
Inputs
Referenced to GND
-0.5
VDD+ 0.5
V
Clock Outputs
Referenced to GND
-0.5
VDD+ 0.5
V
Storage Temperature
-65
150
°C
Soldering Temperature
Max 10 seconds
260
°C
Junction Temperature
125
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (ICS341M)
0
+70
°C
Ambient Operating Temperature (ICS341MI)
-40
+85
°C
Power Supply Voltage (measured in respect to GND)
+3.15
+3.3
+3.45
V
Power Supply Ramp Time
4
ms
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.15
3.3
3.45
V
Operating Supply Current
Input High Voltage
IDD
Configuration Dependent
- See VersaClockTM
mA
33.3333 MHz output,
PDTS = 1, no load
Note 1
11
mA
PDTS = 0
20
µA
Input High Voltage
VIH
S1:S0
2
V
Input Low Voltage
VIL
S1:S0
0.4
V
Input High Voltage, PDTS
VIH
VDD-0.5
V
Input Low Voltage, PDTS
VIL
0.4
V
Input High Voltage
VIH
ICLK
VDD/2+1
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com