Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS341 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS341
Description  Field Programmable SS VersaClock Synthesizer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS341 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS341 Datasheet HTML 1Page - Integrated Circuit Systems ICS341 Datasheet HTML 2Page - Integrated Circuit Systems ICS341 Datasheet HTML 3Page - Integrated Circuit Systems ICS341 Datasheet HTML 4Page - Integrated Circuit Systems ICS341 Datasheet HTML 5Page - Integrated Circuit Systems ICS341 Datasheet HTML 6Page - Integrated Circuit Systems ICS341 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ICS341
MDS 341 E
1
Revision 090704
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
Field Programmable SS VersaClock Synthesizer
Description
The ICS341 is a low cost, single-output, field
programmable clock synthesizer. The ICS341 can
generate an output frequency from 250 kHz to 200
MHz and may employ Spread Spectrum techniques to
reduce system electro-magnetic interference (EMI).
Using ICS’ VersaClocksoftware to configure the PLL
and output, the ICS341 contains a One-Time
Programmable (OTP) ROM to allow field
programmability. Programming features include 4
selectable configuration registers.
The device employs Phase-Locked Loop (PLL)
techniques to run from a standard fundamental mode,
inexpensive crystal, or clock. It can replace multiple
crystals and oscillators, saving board space and cost.
The device also has a power-down feature that
tri-states the clock outputs and turns off the PLLs when
the PDTS pin is taken low.
The ICS341 is also available in factory programmed
custom versions for high-volume applications.
Features
8-pin SOIC package
Highly accurate frequency generation
M/N Multiplier PLL: M = 1...2048, N = 1...1024
Output clock frequencies up to 200 MHz
Four ROM locations for frequency and spread
selection
Spread spectrum capability for lower system EMI
Center or Down Spread up to 4% total
Selectable 32 kHz or 120 kHz modulation
Input crystal frequency from 5 to 27 MHz
Input clock frequency from 2 to 50 MHz
Operating voltage of 3.3 V
Advanced, low-power CMOS process
For two output clocks, use the ICS342. For three
output clocks, see the ICS343. For more than three
outputs, see the ICS345 or ICS348.
Available in Pb (lead) free packaging
Block Diagram
Crystal
Oscillator
PLL Clock Synthesis,
Spred Spectrum and
Control Circuitry
CLK
PDTS (output and PLL)
OTP ROM
with PLL
Divider
Values
S1:0
2
VDD
GND
X2
Crystal or
clock input
External capacitors are
required with a crystal input.
X1/ICLK


Similar Part No. - ICS341

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS341 IDT-ICS341 Datasheet
114Kb / 9P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
More results

Similar Description - ICS341

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS343 ICST-ICS343 Datasheet
149Kb / 7P
Field Programmable Triple Output SS VersaClock Synthesizer
Revision 090704
ICS342 ICST-ICS342 Datasheet
151Kb / 7P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
Revision 090704
ICS252 ICST-ICS252 Datasheet
153Kb / 9P
Field Programmable Dual Output SS VersaClock Synthesizer
Revision 011606
logo
Integrated Device Techn...
ICS252 IDT-ICS252 Datasheet
210Kb / 11P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS251 IDT-ICS251 Datasheet
216Kb / 10P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS251 IDT-ICS251_99 Datasheet
90Kb / 10P
Field Programmable SS VersaClock Synthesizer
ICS252 IDT-ICS252_12 Datasheet
115Kb / 10P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS341 IDT-ICS341 Datasheet
114Kb / 9P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS342 IDT-ICS342 Datasheet
128Kb / 9P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS345 IDT-ICS345_13 Datasheet
130Kb / 9P
TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com