Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS31 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAS31
Description  SMD Small Signal Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAS31 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAS31 Datasheet HTML 1Page - Diotec Semiconductor BAS31 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS31, BAS35
BAS31, BAS35
SMD Small Signal Diodes
SMD Kleinsignal-Dioden
IFAV
= 200 mA
VF1
< 0.750 V
Tjmax = 150°C
VRRM = 120 V
IFSM1 = 2 A
trr
< 50 ns
Version 2018-08-29
SOT-23
(TO-236)
Dimensions - Maße [mm]
Typical Applications
Signal processing, High-speed
Switching, Rectifying
Commercial grade
Suffix -Q: AEC-Q101 compliant 1)
Suffix -AQ: in AEC-Q101 qualification 1)
Typische Anwendungen
Signalverarbeitung, Schnelles Schalten,
Gleichrichten
Standardausführung
Suffix -Q: AEC-Q101 konform 1)
Suffix -AQ: in AEC-Q101 Qualifikation 1)
Features
Fast switching speed
Reverse breakdown tested at 1 mA
Low leakage current
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Schnelles Schalten
Sperr-Abbruch getestet mit 1 mA
Niedriger Sperrstrom
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
3000 / 7“
Gegurtet auf Rolle
Weight approx.
0.01 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Series
Connection
BAS31/-Q
1 = A1 2 = C2 3 = C1/A2
Type
Code
L21
Common
Anode
BAS35
1 = C1 2 = C2 3 = A1/A2
Type
Code
L22
Maximum ratings 2)
Grenzwerte 2)
Power dissipation (per device)
Verlustleistung (pro Bauteil)
Ptot
350 mW 3)
Maximum average forward current
Dauergrenzstrom
single diode loaded – eine Diode belastet
both diodes loaded – beide Dioden belastet
IFAV
200 mA 3)
100 mA 3)
Repetitive peak forward current
Periodischer Spitzenstrom
IFRM
600 mA 3)
Non repetitive peak forward surge current
Stoßstrom-Grenzwert
tp ≤ 1 s
tp ≤ 1 µs
IFSM
1 A
2 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM
120 V
Reverse voltage
Sperrspannung
DC
VR
90 V
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C and per diode, unless otherwise specified – TA = 25°C und pro Diode, wenn nicht anders angegeben
3
Mounted on 3 mm2 copper pads per terminal – Montage auf 3 mm2 Kupferbelag (Lötpads) je Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS
1.1+0.1
0.4+0.1
2.9 ±0.1
1
2
3
Type
Code
1.9
±0.1
-0.05
-0.2
2
1
3
2
3
1


Similar Part No. - BAS31

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS31 PHILIPS-BAS31 Datasheet
90Kb / 12P
General purpose controlled avalanche double diodes
1999 May 21
logo
Transys Electronics
BAS31 TRSYS-BAS31 Datasheet
161Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Jinan Gude Electronic D...
BAS31 JGD-BAS31 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Fairchild Semiconductor
BAS31 FAIRCHILD-BAS31 Datasheet
34Kb / 2P
High Voltage General Purpose Diode
logo
TRANSYS Electronics Lim...
BAS31 TEL-BAS31 Datasheet
53Kb / 2P
SILICON PLANAR EPITAXIAL HIGH-SPEED DIODE
More results

Similar Description - BAS31

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BAS16 DIOTEC-BAS16_16 Datasheet
187Kb / 2P
SMD Small Signal Diodes
BAS16 DIOTEC-BAS16_17 Datasheet
194Kb / 2P
SMD Small Signal Diodes
BAS16 DIOTEC-BAS16_18 Datasheet
194Kb / 2P
SMD Small Signal Diodes
BAS16W DIOTEC-BAS16W Datasheet
191Kb / 2P
SMD Small Signal Diodes
BAS19 DIOTEC-BAS19_18 Datasheet
164Kb / 2P
SMD Small Signal Diodes
BAS31 DIOTEC-BAS31_18 Datasheet
174Kb / 2P
SMD Small Signal Diodes
BAS316WS DIOTEC-BAS316WS Datasheet
151Kb / 2P
SMD Small Signal Diodes
MCL4148 DIOTEC-MCL4148_18 Datasheet
137Kb / 2P
SMD Small Signal Diodes
BAS216WT DIOTEC-BAS216WT_18 Datasheet
140Kb / 2P
SMD Small Signal Diodes
BAS21W DIOTEC-BAS21W Datasheet
159Kb / 2P
SMD Small Signal Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com